Electronic Components Datasheet Search
  English  ▼

X  

LTM4604 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4604 Datasheet HTML 11Page - Linear Technology LTM4604 Datasheet HTML 12Page - Linear Technology LTM4604 Datasheet HTML 13Page - Linear Technology LTM4604 Datasheet HTML 14Page - Linear Technology LTM4604 Datasheet HTML 15Page - Linear Technology LTM4604 Datasheet HTML 16Page - Linear Technology LTM4604 Datasheet HTML 17Page - Linear Technology LTM4604 Datasheet HTML 18Page - Linear Technology LTM4604 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTM4604
15
4604f
Safety Considerations
The LTM4604 modules do not provide isolation from VIN to
VOUT. There is no internal fuse. If required, a slow blow fuse
with a rating twice the maximum input current needs to be
provided to protect each unit from catastrophic failure.
Layout Checklist/Example
The high integration of LTM4604 makes the PCB board
layout very simple and easy. However, to optimize its electri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current path,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capacitors
next to the VIN, GND and VOUT pins to minimize high
frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on the pads unless they are
capped.
• SW pads can be soldered to board to improve thermal
performance.
Figure14 gives a good example of the recommended
layout.
Figure 15. Typical 2.375V to 5.5V Input, 1.5V at 4A Design
Figure 14. Recommended PCB Layout
•
•
•
•
••
••••
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
GND
GND
4604 F14
VOUT
VIN
CIN
SW
COUT
COUT
COUT
VIN
VIN
2.375V TO 5.5V
PGOOD
COMP
LTM4604
RUN/SS
RFB
5.69k
0.5%
COUT
22
μF ×3
6.3V
X5R OR X7R
REFER TO
TABLE 4
VOUT
1.5V
4A
CIN
10
μF
6.3V
X5R OR X7R
OPEN-DRAIN
PULL UP
CSSEXT
0.01
μF
VOUT
FB
TRACK
GND
4604 F15
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com