Electronic Components Datasheet Search
  English  ▼

X  

LTM4605 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4605
Description  High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4605 Datasheet HTML 10Page - Linear Technology LTM4605 Datasheet HTML 11Page - Linear Technology LTM4605 Datasheet HTML 12Page - Linear Technology LTM4605 Datasheet HTML 13Page - Linear Technology LTM4605 Datasheet HTML 14Page - Linear Technology LTM4605 Datasheet HTML 15Page - Linear Technology LTM4605 Datasheet HTML 16Page - Linear Technology LTM4605 Datasheet HTML 17Page - Linear Technology LTM4605 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4605
14
4605fa
APPLICATIONS INFORMATION
To set the output voltage at 12V, the resistor RFB from VFB
pin to ground should be chosen as:
R
Vk
VV
k
FB
OUT
=
−
≈
0 8
100
0 8
715
.•
.
.
To choose a proper inductor, we need to know the current
ripples at different input voltages. The inductor should
be chosen by considering the worst case in the practical
operating region. If the maximum output power P is 150W
at buck mode, we can get the current ripple ratio of the
current ripple
ΔIL to the maximum inductor current IL as
follows:
ΔI
I
VV
V
VL f P
L
L
IN
OUT
OUT
IN
=
(–
) •
•• •
2
Figure 3 shows the current ripple ratio at different input
voltages based on the inductor values: 1.5μH, 2.5μH,
3.3μH and 4.7μH. If we need 30% ripple current ratio at
all inputs, the 3.3μH inductor can be selected.
Consider the safety margin about 30%, we can choose
the sensing resistor as 8m
Ω.
For the input capacitor, use a low ESR sized capacitor to
handle the maximum RMS current. Input capacitors are
required to be placed adjacent to the module. In Figure 14,
the 10μF ceramic input capacitors are selected for their
ability to handle the large RMS current into the converter.
The 100μF bulk capacitor is only needed if the input source
impedance is compromised by long inductive leads or
traces.
For the output capacitor, the output voltage ripple and
transient requirements require low ESR capacitors. If
assuming that the ESR dominates the output ripple, the
output ripple is as follows:
ΔΔ
VESR
I
OUT P P
L
()
•
-
=
If a total low ESR of about 5m
Ω is chosen for output ca-
pacitors, the maximum output ripple of 17.5mV occurs at
the input voltage of 20V with the current ripple at 3.5A.
Boost Mode Operation
For boost mode operation, use input voltage VIN = 5V to
12V, VOUT = 12V and f = 400kHz.
Set the PLLFLTR pin and RFB as in buck mode.
If the maximum output power P is 60W at boost mode
and the module efficiency
η is about 95%, we can get
the current ripple ratio of the current ripple
ΔIL to the
maximum inductor current IL as follows:
ΔI
I
VV
V
VL f P
L
L
OUT
IN
IN
OUT
=
−
() •
•• •
2η
Figure 4. shows the current ripple ratio at different input
voltages based on the inductor values: 1.5μH, 2.5μH,
3.3μH and 4.7μH. If we need 30% ripple current ratio at
all inputs, the 3.3μH inductor can be selected.
Figure 3. Current Ripple Ratio at Different Inputs for Buck Mode
At buck mode, sensing resistor selection is based on
the maximum output current and the allowed maximum
sensing threshold 130mV.
R
mV
PV
I
SENSE
OUT
L
=
−
2 130
2
•
•( /
)
Δ
INPUT VOLTAGE VIN (V)
12
14
0.8
0.6
1.5μH
2.5μH
3.3μH
4.7μH
0.4
0.2
0
4605 F03
16
18
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com