Electronic Components Datasheet Search
  English  ▼

X  

LTM4605 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4605
Description  High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605 Datasheet(HTML) 5 Page - Linear Technology

  LTM4605 Datasheet HTML 1Page - Linear Technology LTM4605 Datasheet HTML 2Page - Linear Technology LTM4605 Datasheet HTML 3Page - Linear Technology LTM4605 Datasheet HTML 4Page - Linear Technology LTM4605 Datasheet HTML 5Page - Linear Technology LTM4605 Datasheet HTML 6Page - Linear Technology LTM4605 Datasheet HTML 7Page - Linear Technology LTM4605 Datasheet HTML 8Page - Linear Technology LTM4605 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4605
5
4605fa
LOAD CURRENT (A)
0
36
12
9
4605 G06
18VIN TO 2.5VOUT
12VIN TO 2.5VOUT
5VIN TO 2.5VOUT
95
100
85
75
90
80
70
65
50
55
60
LOAD CURRENT (A)
0.01
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
4605 G02
CCM
DCM
BURST
LOAD CURRENT (A)
0.01
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
4605 G01
CCM
DCM
BURST
LOAD CURRENT (A)
0.01
0.1
1
100
10
4605 G03
CCM
DCM
SKIP CYCLE
95
85
75
65
55
45
35
25
15
LOAD CURRENT (A)
0
36
12
9
4605 G04
18VIN TO 5VOUT
12VIN TO 5VOUT
5VIN TO 5VOUT
95
100
85
75
90
80
70
65
60
LOAD CURRENT (A)
0
36
12
9
4605 G05
18VIN TO 3.3VOUT
12VIN TO 3.3VOUT
5VIN TO 3.3VOUT
95
100
85
75
90
80
70
65
50
55
60
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
6VIN to 12VOUT
Efficiency vs Load Current
12VIN to 12VOUT
Efficiency vs Load Current
18VIN to 12VOUT
Efficiency vs Load Current
3.3μH Inductor (CCM)
Efficiency vs Load Current
1.5μH Inductor (CCM)
Efficiency vs Load Current
1.5μH Inductor (CCM)
Transient Response from
6VIN to 12VOUT
Transient Response from
12VIN to 12VOUT
Transient Response from
18VIN to 12VOUT
(Refer to Figure 16)
LOAD STEP: 0A TO 3A AT CCM
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 15mΩ SENSING RESISTORS
200μs/DIV
4605 G07
IOUT
2A/DIV
VOUT
200mV/DIV
LOAD STEP: 0A TO 3A AT CCM
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 15mΩ SENSING RESISTORS
200μs/DIV
4605 G08
IOUT
2A/DIV
VOUT
200mV/DIV
LOAD STEP: 0A TO 4A AT CCM
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 15mΩ SENSING RESISTORS
200μs/DIV
4605 G09
IOUT
2A/DIV
VOUT
100mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com