Electronic Components Datasheet Search
  English  ▼

X  

LTM4604V Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4604V
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604V Datasheet(HTML) 2 Page - Linear Technology

  LTM4604V Datasheet HTML 1Page - Linear Technology LTM4604V Datasheet HTML 2Page - Linear Technology LTM4604V Datasheet HTML 3Page - Linear Technology LTM4604V Datasheet HTML 4Page - Linear Technology LTM4604V Datasheet HTML 5Page - Linear Technology LTM4604V Datasheet HTML 6Page - Linear Technology LTM4604V Datasheet HTML 7Page - Linear Technology LTM4604V Datasheet HTML 8Page - Linear Technology LTM4604V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM4604
2
4604f
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN, PGOOD ................................................. –0.3V to 6V
COMP, RUN/SS, FB, TRACK .........................–0.3V to VIN
SW, VOUT........................................–0.3V to (VIN + 0.3V)
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
●
2.375
5.5
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 10μF × 1, COUT = 22μF ×3, RFB = 5.69k 0.5%
VIN = 2.375V to 5.5V, IOUT = 0A to 4A, 0°C ≤ TA ≤ 85°C
VIN = 2.375V to 5.5V, IOUT = 0A to 4A
●
1.478
1.470
1.5
1.5
1.522
1.522
V
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout
Threshold
IOUT = 0A
1.75
2
2.3
V
IINRUSH(VIN)
Peak Input Inrush Current at
Start-Up
IOUT = 0A, CIN = 10μF, COUT = 22μF ×3,
RUN/SS = 0.01μF, VOUT = 1.5V
VIN = 3.3V
VIN = 5V
0.7
0.7
A
A
IQ(VIN NOLOAD)
Input Supply Bias Current
VIN = 3.3V, VOUT = 1.5V, No Switching
VIN = 3.3V, VOUT = 1.5V, Switching Continuous
VIN = 5V, VOUT = 1.5V, No Switching
VIN = 5V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 5V
60
28
100
35
7
μA
mA
μA
mA
μA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. See Figure 15.
PIN CONFIGURATION
GND
GND
RUN/
SS
SW
A
1
2
3
4
5
6
7
8
9
10
11
BC
DE
F
G
TRACK
TOP VIEW
LGA PACKAGE
66-PIN (15mm
´ 9mm ´ 2.3mm)
PGOOD
COMP
VOUT
VIN
FB
TJMAX = 125°C, θJA = 25°C/W, WEIGHT = 0.86g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4604EV#PBF
LTM4604IV#PBF
LTM4604EV#PBF
LTM4604IV#PBF
LTM4604V
LTM4604V
15mm
× 9mm × 2.3mm LGA
15mm
× 9mm × 2.3mm LGA
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com