Electronic Components Datasheet Search
  English  ▼

X  

LTM4604V Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4604V
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604V Datasheet(HTML) 5 Page - Linear Technology

  LTM4604V Datasheet HTML 1Page - Linear Technology LTM4604V Datasheet HTML 2Page - Linear Technology LTM4604V Datasheet HTML 3Page - Linear Technology LTM4604V Datasheet HTML 4Page - Linear Technology LTM4604V Datasheet HTML 5Page - Linear Technology LTM4604V Datasheet HTML 6Page - Linear Technology LTM4604V Datasheet HTML 7Page - Linear Technology LTM4604V Datasheet HTML 8Page - Linear Technology LTM4604V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM4604
5
4604f
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up
Start-Up
Current Limit Foldback
VOUT
1V/DIV
IIN
1A/DIV
VIN = 5V
VOUT = 2.5V
COUT = 4 × 22μF
NO LOAD
(0.01
μF SOFT-START CAPACITOR)
200
μs/DIV
4604 G10
VOUT
1V/DIV
IIN
1A/DIV
VIN = 5V
VOUT = 2.5V
COUT = 4 × 22μF
4A LOAD
(0.01
μF SOFT-START CAPACITOR)
200
μs/DIV
4604 G11
OUTPUT CURRENT (A)
3
0.6
0.8
1.0
6
8
4604 G12
0.4
0.2
0
45
7
1.2
1.4
1.6
VIN = 5V
VIN = 3.3V
VIN = 2.5V
VOUT = 1.5V
Short-Circuit Protection
1.5V Short, No Load
Short-Circuit Protection
1.5V Short, 4A Load
VOUT
0.5V/DIV
IIN
4A/DIV
20
μs/DIV
4604 G13
VOUT
0.5V/DIV
IIN
1A/DIV
100
μs/DIV
4604 G14
VFB vs Temperature
Temperature (C)
-50
794
796
798
800
802
804
806
-25
50
0
25
100
75
"$" /#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com