Electronic Components Datasheet Search
  English  ▼

X  

LTM4606 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4606
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 1 Page - Linear Technology

  LTM4606 Datasheet HTML 1Page - Linear Technology LTM4606 Datasheet HTML 2Page - Linear Technology LTM4606 Datasheet HTML 3Page - Linear Technology LTM4606 Datasheet HTML 4Page - Linear Technology LTM4606 Datasheet HTML 5Page - Linear Technology LTM4606 Datasheet HTML 6Page - Linear Technology LTM4606 Datasheet HTML 7Page - Linear Technology LTM4606 Datasheet HTML 8Page - Linear Technology LTM4606 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4606
1
4606f
FREQUENCY (MHz)
0
100
10
90
70
50
30
80
60
40
20
0
500
900
300
700
4606 TA01b
1000
400
800
200
600
100
CISPR.22, CLASS B, 3 METERS
n ASICs or FPGA Transceivers
n Telecom, Servers and Networking Equipment
n Industrial Equipment
n Rf Equipment
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VD
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VIN
TRACK/SS
CONTROL
47pF
COUT
2.5V AT 6A
CIN
10μF
35V
CERAMIC
x2
4.5V TO 28V
PLLIN
CLOCK SYNC
ON/OFF
LTM4606
SGND
PGND
MARGIN
CONTROL
RFB
19.1k
392k
5% MARGIN
4606 TA01
10μF
35V
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Ultralow EMI 28VIN, 6A
DC/DC µModule
The LTM®4606 is a complete ultralow noise high voltage
6A switching mode DC/DC power supply. Included in the
package are the switching controller, power FETs, inductor,
and all support components. The on-board input filter and
noise cancellation circuits achieve low noise operation, thus
effectively reducing the electromagnetic interference (EMI).
Operating over an input voltage range of 4.5V to 28V, the
LTM4606 supports an output voltage range of 0.6V to 5V,
set by a single resistor. This high efficiency design deliv-
ers 6A continuous current (8A peak). Only bulk input and
output capacitors are needed to finish the design.
High switching frequency and an adaptive on-time current
mode architecture enables a very fast transient response
to line and load changes without sacrificing stability. The
device supports output voltage tracking and output volt-
age margining.
Furthermore, the μModule™ can be synchronized with an
externalclockforreducingundesirablefrequencyharmonics
and allows PolyPhase® operation for high load currents.
The LTM4606 is offered in a space saving and thermally
enhanced 15mm
× 15mm × 2.8mm LGA package, which
enables utilization of unused space on the bottom of
PC boards for high density point of load regulation. The
LTM4606 is Pb-free and RoHS compliant.
Ultralow Noise 2.5V/6A Power Supply with 4.5V to 28V Input
n Complete Low EMI Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 28V
n 6A DC Typical, 8A Peak Output Current
n 0.6V to 5V Output Voltage Range
n Low Input and Output Referred Noise
n Output Voltage Tracking and Margining
n PLL Frequency Synchronization
n ±1.5% Total DC Error
n Power Good Output
n Current Foldback Protection (Disabled at Start-Up)
n Parallel/Current Sharing
n Ultrafast Transient Response
n Current Mode Control
n Up to 93% Efficiency at 5VIN, 3.3VOUT
n Programmable Soft-Start
n Output Overvoltage Protection
n –55°C to 125°C Operating Temperature Range
(LTM4606MPV)
n Small Surface Mount Footprint, Low Profile Package
(15mm
× 15mm × 2.8mm)
Radiated Emission Scan at 12VIN,
2.5VOUT/6A
L, LT, LTC, LTM and PolyPhase are registered trademarks of Linear Technology Corporation.
μModule is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LTM4606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4606 LINER-LTM4606 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4606 LINER-LTM4606 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4606 LINER-LTM4606 Datasheet
436Kb / 24P
58V, 2A Step-Down 關Module Regulator
LTM4606 LINER-LTM4606 Datasheet
637Kb / 30P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
LTM4606 LINER-LTM4606_1 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
More results

Similar Description - LTM4606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
6A High Effi ciency DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
6A, 28VIN High Effi ciency DC/DC 關Module
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4606 LINER-LTM4606_1 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4602HV LINER-LTM4602HV_15 Datasheet
334Kb / 24P
6A, 28VIN High Efficiency DC/DC Module
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
10A, 28VIN High Efficiency DC/DC Module
LTM4606 LINER-LTM4606_15 Datasheet
607Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com