Electronic Components Datasheet Search
  English  ▼

X  

LTM4606 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4606
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 5 Page - Linear Technology

  LTM4606 Datasheet HTML 1Page - Linear Technology LTM4606 Datasheet HTML 2Page - Linear Technology LTM4606 Datasheet HTML 3Page - Linear Technology LTM4606 Datasheet HTML 4Page - Linear Technology LTM4606 Datasheet HTML 5Page - Linear Technology LTM4606 Datasheet HTML 6Page - Linear Technology LTM4606 Datasheet HTML 7Page - Linear Technology LTM4606 Datasheet HTML 8Page - Linear Technology LTM4606 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4606
5
4606f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current with
5VIN (FCB = 0)
Efficiency vs Load Current with
12VIN (FCB = 0)
Efficiency vs Load Current with
24VIN (FCB = 0)
1.2V Transient Response
1.5V Transient Response
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
–55°C, Start-Up, IOUT = 0A
4606 G05
50μs/DIV
1.5V AT 3.5A/μs LOAD STEP
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
IOUT
2A/DIV
VOUT
50mV/DIV
4606 G04
50μs/DIV
1.2V AT 3.5A/μs LOAD STEP
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
IOUT
2A/DIV
VOUT
50mV/DIV
4606 G06
50μs/DIV
1.8V AT 3.5A/μs LOAD STEP
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
IOUT
2A/DIV
VOUT
50mV/DIV
4606 G07
50μs/DIV
2.5V AT 3.5A/μs LOAD STEP
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
IOUT
2A/DIV
VOUT
50mV/DIV
4606 G08
50μs/DIV
3.3V AT 3.5A/μs LOAD STEP
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
IOUT
2A/DIV
VOUT
100mV/DIV
LOAD CURRENT (A)
0
100
90
70
80
60
50
4606 G01
6
5
4
3
2
1
0.6VOUT
1.2VOUT
1.8VOUT
2.5VOUT
3.3VOUT
LOAD CURRENT (A)
0
100
90
70
80
60
50
4606 G02
6
5
4
3
2
1
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
5VOUT
LOAD CURRENT (A)
0
100
90
70
80
60
50
4606 G03
6
5
4
3
2
1
2.5VOUT
3.3VOUT
5VOUT
VOUT
0.5V/DIV
IIN
0.5A/DIV
1ms/DIV
4606 G16
VIN = 12V
VOUT = 1.5V
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
SOFT-START = 3.9nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com