Electronic Components Datasheet Search
  English  ▼

X  

LTM4608AV Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4608AV
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608AV Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4608AV Datasheet HTML 11Page - Linear Technology LTM4608AV Datasheet HTML 12Page - Linear Technology LTM4608AV Datasheet HTML 13Page - Linear Technology LTM4608AV Datasheet HTML 14Page - Linear Technology LTM4608AV Datasheet HTML 15Page - Linear Technology LTM4608AV Datasheet HTML 16Page - Linear Technology LTM4608AV Datasheet HTML 17Page - Linear Technology LTM4608AV Datasheet HTML 18Page - Linear Technology LTM4608AV Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4608A
15
4608afa
APPLICATIONS INFORMATION
same as the slave regulator’s feedback divider to implement
coincident tracking. The LTM4608A uses an accurate 10k
resistor internally for the top feedback resistor. Figure 5
shows an example of coincident tracking:
Slave
= 1+
10k
RFB4
•VTRACK
VTRACK is the track ramp applied to the slave’s track
pin. VTRACK has a control range of 0V to 0.596V, or the
internal reference voltage. When the master’s output is
divided down with the same resistor values used to set
the slave’s output, this resistor divider is connected to
the slave’s track pin. The slave will then coincident track
with the master until it reaches its final value. The master
will continue to its final value from the slave’s regulation
point. Voltage tracking is disabled when VTRACK is more
than 0.596V.
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
CLKOUT GND
CLKIN
RUN
TRACK
TRACK
RSR
CSR
C2
100pF
C3
22pF
RFB1
2.21k
100μF
MASTER
3.3V
7A
VIN
5V
TIE TO VIN
FOR DISABLE
AND DEFAULT
100μs SOFT-START
APPLY A CONTROL
RAMP WITH RSR AND
CSR TIED TO VIN WHERE
t = –(ln (1 – 0.596/VIN) • RSR • CSR)
OR APPLY AN EXTERNAL TRACKING RAMP
LTM4608A
SGND
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
CLKOUT GND
CLKIN
RUN
MASTER
3.3V
RFB2
6.65k
RFB3
10k
RFB4
6.65k
4608A F05
C1
100μF
C4
100μF
SLAVE
1.5V
8A
1.5V
3.3V
LTM4608A
SGND
+
Figure 5. Dual Outputs (3.3V and 1.5V) with Tracking
TIME
MASTER OUTPUT
SLAVE OUTPUT
4608A F06
Figure 6. Output Voltage Coincident Tracking
The track pin of the master can be controlled by an external
ramp or by RSR and CSR in Figure 5 referenced to VIN. The
RC ramp time can be programmed using equation:
t
= –ln 1–
0.596V
VIN
•RSR •CSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com