Electronic Components Datasheet Search
  English  ▼

X  

LTM8020MPV Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8020MPV
Description  200mA, 36V DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020MPV Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8020MPV Datasheet HTML 8Page - Linear Technology LTM8020MPV Datasheet HTML 9Page - Linear Technology LTM8020MPV Datasheet HTML 10Page - Linear Technology LTM8020MPV Datasheet HTML 11Page - Linear Technology LTM8020MPV Datasheet HTML 12Page - Linear Technology LTM8020MPV Datasheet HTML 13Page - Linear Technology LTM8020MPV Datasheet HTML 14Page - Linear Technology LTM8020MPV Datasheet HTML 15Page - Linear Technology LTM8020MPV Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTM8020
13
8020fb
VIN (V)
0
0
50
100
150
200
10
15
520
30
25
8020 TA08
250
VIN
VOUT
LTM8020
BIAS
SHDN
10μF
X5R
165k
1%
2.2μF
–5V
VIN
5V TO 30V
8020 TA06
ADJ
GND
–5V
85mA
OPTICAL
SCHOTTKY
CLAMP
–5V Positive to Negative Converter
VIN
VOUT
LTM8020
BIAS
SHDN
165k
1%
2.2μF
VIN
6.5V TO 15V
8020 TA05
GND
ADJ
VOUT
5V
200mA
5V Step-Down Converter (No Output Capacitor Required)
TYPICAL APPLICATIONS
–5V Positive to Negative Converter
Output vs Input Voltage
*
*RUNNING VOLTAGE RANGE. PLEASE REFER TO APPLICATIONS INFORMATION FOR START-UP DETAILS
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com