Electronic Components Datasheet Search
  English  ▼

X  

LTM8020MPV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8020MPV
Description  200mA, 36V DC/DC 關Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8020MPV Datasheet(HTML) 2 Page - Linear Technology

  LTM8020MPV Datasheet HTML 1Page - Linear Technology LTM8020MPV Datasheet HTML 2Page - Linear Technology LTM8020MPV Datasheet HTML 3Page - Linear Technology LTM8020MPV Datasheet HTML 4Page - Linear Technology LTM8020MPV Datasheet HTML 5Page - Linear Technology LTM8020MPV Datasheet HTML 6Page - Linear Technology LTM8020MPV Datasheet HTML 7Page - Linear Technology LTM8020MPV Datasheet HTML 8Page - Linear Technology LTM8020MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTM8020
2
8020fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN Voltage ....................................................40V
ADJ Voltage ................................................................5V
BIAS Voltage .............................................................25V
VIN + BIAS Voltage....................................................47V
VOUT Voltage .............................................................10V
Internal Operating Temperature Range... –40°C to 125°C
Storage Temperature Range................... –55°C to 125°C
Maximum Solder Temperature.............................. 260°C
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
436
V
VOUT
Output DC Voltage
0 < IOUT ≤ 200mA; 167kΩ < RADJ < ∞
1.2
5
V
RADJ(MIN)
Minimum Allowable RADJ
(Note 3)
163
k
Ω
ILK
Leakage from IN to OUT
VSHDN = 0V, BIAS = 0V
1.2
6
μA
IOUT
Continuous Output DC Current
5.5V ≤ VIN ≤ 36V, RADJ = 301k, VO = 3.3V
0
200
mA
IQVIN
Quiescent Current into IN
SHDN = 0.2V, BIAS OPEN
BIAS = 3V, Not Switching
BIAS = 0V, Not Switching
l
10
35
1
18
50
μA
μA
μA
IQBIAS
Quiescent Current into BIAS
SHDN = 0.2V, BIAS = 0V
BIAS = 3V, Not Switching
BIAS = 0V, Not Switching
l
25
0.5
60
1.5
μA
μA
μA
ΔVOUT/VOUT
Line Regulation
5V ≤ VIN ≤ 36V, IOUT = 200mA, RADJ Open
1
%
ΔVOUT/VOUT
Load Regulation
VIN = 24V, 0 ≤ IOUT ≤ 200mA, VOUT = 3.3V
2
%
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHDN = 10V, VBIAS = 3V, External CIN = 2.2μF, COUT = 4.7μF.
(Note 2)
TOP VIEW
5
1
2
3
4
E
AB
C
D
SHDN
GND
ADJ
VOUT
BIAS
VIN
LGA PACKAGE
21-LEAD (6.25mm
6.25mm
2.32mm)
TJMAX = 125°C, θJA = 23.1°C/W
θJA DERIVED FROM 5cm × 5cm PCB WITH 4 LAYERS
WEIGHT = 0.25g
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (Note 2)
LTM8020EV#PBF
LTM8020V
21-Lead (6.25mm
× 6.25mm)
–40°C to 85°C
LTM8020IV#PBF
LTM8020V
21-Lead (6.25mm
× 6.25mm)
–40°C to 85°C
LTM8020MPV#PBF
LTM8020MPV
21-Lead (6.25mm
× 6.25mm)
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com