Electronic Components Datasheet Search
  English  ▼

X  

AOTF474L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOTF474L
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF474L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOTF474L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AOT474/AOTF474
N-Channel Enhancement Mode
Field Effect Transistor
General Description
Product Summary
VDS
75V
ID_TO220 (at VGS=10V)
127A
ID_TO220FL (at VGS=10V)
47A
RDS(ON) (at VGS=10V)
< 11.3m
Ω
100% UIS Tested
AOT(F)474 -RoHS Compliant
AOT(F)474L -Halogen Free
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
13.9
65
13.9
Parameter
AOT474
AOTF474
V
±25
Gate-Source Voltage
Drain-Source Voltage
75
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOT474
AOTF474
Repetitive avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
Continuous Drain
Current
562
A
106
7
99
A
TA=25°C
IDSM
A
TA=70°C
ID
TC=25°C
TC=100°C
Pulsed Drain Current
C
Continuous Drain
Current
W
Power Dissipation
A
PDSM
W
TA=70°C
TA=25°C
1.9
1.9
TC=25°C
TC=100°C
The AOT(F)474/L uses a robust technology that is
designed to provide efficient and reliable power
conversion even in the most demanding applications,
including motor control. With low RDS(ON) and excellent
thermal capability this device is appropriate for high
current switching and can endure adverse operating
conditions.
AOT(F)474/AOT(F)474L are electrically Identical
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.36
65
2.6
Power Dissipation
B
PD
127
47
89
33
200
1.2
1.2
7
417
57.5
208
29
G
D
S
TO220FL
Top View
Bottom View
G
D
S
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
AOT474
AOTF474
Rev 0: February 2009
www.aosmd.com
Page 1 of 7


Similar Part No. - AOTF474L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF474 ISC-AOTF474 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF474L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com