Electronic Components Datasheet Search
  English  ▼

X  

AOTF474L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF474L
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF474L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF474L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF474L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOT474/AOTF474
Symbol
Min
Typ
Max
Units
BVDSS
75
V
VDS=75V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
2.6
3.4
4
V
ID(ON)
200
A
9.4
11.3
TJ=125°C
18
21.5
gFS
67
S
VSD
0.73
1
V
IS
128
A
Ciss
2240
2805
3370
pF
Coss
355
507
660
pF
Crss
22
36
50
pF
Rg
1.4
2.8
4.2
Ω
Qg(10V)
39
49.6
60
nC
Qgs
11
13.8
17
nC
Qgd
814
20
nC
tD(on)
15
ns
tr
34
ns
tD(off)
42
ns
tf
4.5
ns
trr
35
50
65
ns
Qrr
330
472
614
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Rev 0:February 2009
Body Diode Reverse Recovery Charge IF=30A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=30V, RL=1Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=30V, ID=30A
Gate Source Charge
Gate Drain Charge
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=30A
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±25V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=30A
Reverse Transfer Capacitance
IF=30A, dI/dt=500A/µs
VGS=0V, VDS=30V, f=1MHz
SWITCHING PARAMETERS
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep initial
TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: February 2009
www.aosmd.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com