Electronic Components Datasheet Search
  English  ▼

X  

AOTF409 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF409
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF409 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF409 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF409 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF409 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF409 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF409 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF409 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOTF409
Symbol
Min
Typ
Max
Units
BVDSS
-60
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-1.2
-2.1
-2.4
V
ID(ON)
-60
A
33
40
TJ=125°C
52.4
63
43
54
m
Ω
gFS
33
S
VSD
-0.73
-1
V
IS
-30
A
Ciss
1969
2461
2953
pF
Coss
125
178
231
pF
Crss
72
120
168
pF
Rg
1
2
4.0
Ω
Qg(10V)
34
43
52
nC
Qg(4.5V)
16
19.7
24
nC
Qgs
8
10.2
12
nC
Qgd
5
8.9
12.5
nC
tD(on)
12
ns
tr
14.5
ns
tD(off)
38
ns
tf
15
ns
trr
18
25.68
33
ns
Qrr
117
167.12
217
nC
Rev 0 : Aug-08
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=-20A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-30V, RL=1.5Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge (10V)
VGS=-10V, VDS=-30V, ID=-20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge (4.5V)
m
Ω
IS=-1A,VGS=0V
VDS=-5V, ID=-20A
VGS=-4.5V, ID=-20A
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
VDS=-60V, VGS=0V
Gate Threshold Voltage
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-10V, ID=-20A
Reverse Transfer Capacitance
IF=-20A, dI/dt=500A/µs
VGS=0V, VDS=-30V, f=1MHz
SWITCHING PARAMETERS
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is limited by bond-wires.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com