Electronic Components Datasheet Search
  English  ▼

X  

SKL20120 Datasheet(PDF) 3 Page - celduc-relais

Part # SKL20120
Description  Solid State Relay for printed circuit board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SKL20120 Datasheet(HTML) 3 Page - celduc-relais

  SKL20120 Datasheet HTML 1Page - celduc-relais SKL20120 Datasheet HTML 2Page - celduc-relais SKL20120 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Exemples de montage / Mounting examples
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
page 3 / 3 F/GB
r
e
l
a
i
s
celduc
www.celduc.com
S/MOD/SKL20120/C/18/02/2005
Surge current Itsm (A peak) = f(t) for models with Itsm =160A
110
1
0,1
0,01
0
50
100
150
200
0
t (s)
1 : Itsm non répétitif ( sans tension
réappliquée) / No repetitive Itsm
(Apeak)=f(t) without voltage reap-
plied
2 : Itsm répétif ( avec tension réap-
pliquée et Tj initial =70
°C) / Repe-
titive Itsm (Apeak)=f(t) with voltage
reapplied for initial Tj =70
°C
1
2
fig 3
Printed circuit board
4 mm to
respect
insulation
M3
26,5mm
Complementary heatsink if necessary
7,9mm ± 0,15
4mm
isolant
51
Clips reference : 1L941000
clips : 1L942000
Dans tous les cas,mettre une cale isolante de 4 mm sous le dissipateur afin de respecter les distances minimales d'isolation entre
entrée et sortie. / In each case , 4mm must be respected between the printed circuit board and the heatsink , to keep a correct
insulation between input to output (4mm insulated washer )
Bien s'assurer lors du montage que le relais plaque au dissipateur. Utiliser de la graisse thermique.
/ Mind to the good contact between the SSR and the heatsink . Use thermal grease.
Dissipateurs thermiques avec clips de montage ( Max Clip System (*))
Montage sur divers dissipateurs et clips à vis/ Clips with screws on standard heatsinks
graisse thermique /
Thermal grease
graisse thermique /
Thermal grease
celduc HEATSINKS references ( Aavid Thermalloy S507):
WF042000: L=100mm about 4K/W (1SSR) without ventilation (3,6K/W with 4SSRs )
WF032000: L=150mm about 3K/W (1SSR) without ventilation (2,6K/W with 6SSRs )
autres dissipateurs sur demande / a large range is also available on request
Clip max 23 Aavid Thermalloy
* The Max Clip System of Aavid Thermalloy , Patented Worldwide ( patent N
°9805561)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com