Electronic Components Datasheet Search
  English  ▼

X  

SW961230 Datasheet(PDF) 4 Page - celduc-relais

Part # SW961230
Description  INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SW961230 Datasheet(HTML) 4 Page - celduc-relais

  SW961230 Datasheet HTML 1Page - celduc-relais SW961230 Datasheet HTML 2Page - celduc-relais SW961230 Datasheet HTML 3Page - celduc-relais SW961230 Datasheet HTML 4Page - celduc-relais SW961230 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S/MOT/SW961230/A/16/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 4 / 5 F/GB
Caractéristiques thermiques / Thermal curves :
Surge current Itsm (A peak) = f(t)
for models with Itsm =550A
1
10
1
0,1
0,01
0
200
400
600
0
t (s)
1 : No repetitive Itsm (Apeak)=f(t)
without voltage reapplied
2 : Repetitive Itsm (Apeak)=f(t)
with voltage reapplied for initial Tj
=70
°C
0
2
4
6
8
10
12
0
0
5
10
15
20
25
30
0
RMS load current (A)
0
10
20 30
40 50
60 70
80 90 100
0
0
5
10
15
20
25
30
0
Ambient temperature (°C)
Courant de surcharge non repe-
titif :ITSM
/ Non repetitive surge peak on-
state current : ITSM
SW9
Wiring of the control circuit:
NUMBER OF WIRES
SCREWDRIVER TYPE
MINIMUM
TORQUE
1
2
(DISTRIBUTION)
SOLID
(No ferrule)
FINE STRANDED
(With ferrule)
SOLID
(No ferrule)
FINE STRANDED
(With ferrule)
N.m
0,75 ... 2,5 mm
2
0,75 ... 2,5 mm
2
0,75 ... 2,5 mm
2
0,75 ... 2,5 mm
2
0,8 x 5,5 mm
POZIDRIV 2
1,2
SW9
Wiring of the power circuit:
NUMBER OF WIRES
SCREWDRIVER TYPE
MINIMUM
TORQUE
1
2
(DISTRIBUTION)
SOLID
(No ferrule)
FINE STRANDED
(With ferrule)
SOLID
(No ferrule)
FINE STRANDED
(With ferrule)
N.m
1,5 ... 10 mm
2
1,5 ... 6 mm
2
1,5 ... 10 mm
2
1,5 ... 6 mm
2
0,8 x 5,5 mm
POZIDRIV 2
1,8
1
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com