Electronic Components Datasheet Search
  English  ▼

X  

SWT862030 Datasheet(PDF) 3 Page - celduc-relais

Part # SWT862030
Description  Three Phase Solid State Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWT862030 Datasheet(HTML) 3 Page - celduc-relais

  SWT862030 Datasheet HTML 1Page - celduc-relais SWT862030 Datasheet HTML 2Page - celduc-relais SWT862030 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 3 / 3 F/GB
SVT
Cablage commande / Wiring of the control circuit:
nombre de fils/ NUMBER OF WIRES
SCREWDRIVER TYPE
MINIMUM
TORQUE
1
2
tournevis
tournevis
couple serrage
SOLID
(No ferrule)
rigide sans embout
FINE STRANDED
(With ferrule)
multibrins avec
embouts
SOLID
(No ferrule)
rigide sans embout
FINE STRANDED
(With ferrule)
multibrins avec
embouts
N.m
0,75 ... 2,5 mm
2
0,75 ... 2,5 mm
2
0,75 ... 2,5 mm
2
0,75 ... 2,5 mm
2
0,8 x 5,5 mm
POZIDRIV 2
1,2
SVT
Cablage puissance / Wiring of the power circuit:
NUMBER OF WIRES
SCREWDRIVER TYPE
MINIMUM
TORQUE
1
2
tournevis
tournevis
couple serrage
SOLID
(No ferrule)
rigide sans embout
FINE STRANDED
(With ferrule)
multibrins avec
embouts
SOLID
(No ferrule)
rigide sans embout
FINE STRANDED
(With ferrule)
multibrins avec
embouts
N.m
1,5 ... 10 mm
2
1,5 ... 6 mm
2
1,5 ... 10 mm
2
1,5 ... 6 mm
2
0,8 x 5,5 mm
POZIDRIV 2
1,8
R
ST
Resistive or
inductive load
RS
T
R
S
T
M
Application typique /Typical application:
S/TRI/SWT862030/B/12/06/2001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com