Electronic Components Datasheet Search
  English  ▼

X  

LTC2245 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2245
Description  14-Bit, 10Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2245 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2245 Datasheet HTML 10Page - Linear Technology LTC2245 Datasheet HTML 11Page - Linear Technology LTC2245 Datasheet HTML 12Page - Linear Technology LTC2245 Datasheet HTML 13Page - Linear Technology LTC2245 Datasheet HTML 14Page - Linear Technology LTC2245 Datasheet HTML 15Page - Linear Technology LTC2245 Datasheet HTML 16Page - Linear Technology LTC2245 Datasheet HTML 17Page - Linear Technology LTC2245 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2245
14
2245fa
DIGITAL OUTPUTS
Table 1 shows the relationship between the analog input
voltage, the digital data bits, and the overflow bit.
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The
digital outputs of the LTC2245 should drive a minimal
capacitive load to avoid possible interaction between the
digital outputs and sensitive input circuitry. The output
should be buffered with a device such as an ALVCH16373
CMOS latch. For full speed operation the capacitive load
should be kept under 10pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Data Format
Using the MODE pin, the LTC2245 parallel digital output
can be selected for offset binary or 2’s complement
format. Connecting MODE to GND or 1/3VDD selects offset
binary output format. Connecting MODE to
2/3VDD or VDD selects 2’s complement output format.
An external resistor divider can be used to set the 1/3VDD
or 2/3VDD logic values. Table 2 shows the logic states for
the MODE pin.
APPLICATIO S I FOR ATIO
Digital Output Buffers
Figure 9 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, iso-
lated from the ADC power and ground. The additional
N-channel transistor in the output driver allows operation
down to low voltages. The internal resistor in series with
the output makes the output appear as 50
Ω to external
circuitry and may eliminate the need for external damping
resistors.
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
D13 – D0
D13 – D0
(2V Range)
OF
(Offset Binary)
(2’s Complement)
>+1.000000V
1
11 1111 1111 1111
01 1111 1111 1111
+0.999878V
0
11 1111 1111 1111
01 1111 1111 1111
+0.999756V
0
11 1111 1111 1110
01 1111 1111 1110
+0.000122V
0
10 0000 0000 0001
00 0000 0000 0001
0.000000V
0
10 0000 0000 0000
00 0000 0000 0000
–0.000122V
0
01 1111 1111 1111
11 1111 1111 1111
–0.000244V
0
01 1111 1111 1110
11 1111 1111 1110
–0.999878V
0
00 0000 0000 0001
10 0000 0000 0001
–1.000000V
0
00 0000 0000 0000
10 0000 0000 0000
<–1.000000V
1
00 0000 0000 0000
10 0000 0000 0000
LTC2245
2245 F09
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Figure 9. Digital Output Buffer
Table 2. MODE Pin Function
Clock Duty
MODE Pin
Output Format
Cycle Stablizer
0
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Overflow Bit
When OF outputs a logic high the converter is either
overranged or underranged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com