Electronic Components Datasheet Search
  English  ▼

X  

LTC2250 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2250
Description  10-Bit, 125/105Msps Low Noise 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2250 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2250 Datasheet HTML 14Page - Linear Technology LTC2250 Datasheet HTML 15Page - Linear Technology LTC2250 Datasheet HTML 16Page - Linear Technology LTC2250 Datasheet HTML 17Page - Linear Technology LTC2250 Datasheet HTML 18Page - Linear Technology LTC2250 Datasheet HTML 19Page - Linear Technology LTC2250 Datasheet HTML 20Page - Linear Technology LTC2250 Datasheet HTML 21Page - Linear Technology LTC2250 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2251/LTC2250
18
22510fa
APPLICATIO S I FOR ATIO
to the same power supply as for the logic being driven. For
example if the converter is driving a DSP powered by a 1.8V
supply, then OVDD should be tied to that same 1.8V supply.
OVDD can be powered with any voltage from 500mV up to
3.6V. OGND can be powered with any voltage from GND up
to 1V and must be less than OVDD. The logic outputs will
swing between OGND and OVDD.
Output Enable
The outputs may be disabled with the output enable pin, OE.
OE high disables all data outputs including OF. The data ac-
cess and bus relinquish times are too slow to allow the
outputs to be enabled and disabled during full speed op-
eration. The output Hi-Z state is intended for use during long
periods of inactivity.
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting SHDN to GND results in
normal operation. Connecting SHDN to VDD and OE to VDD
results in sleep mode, which powers down all circuitry
including the reference and typically dissipates 1mW. When
exiting sleep mode it will take milliseconds for the output
data to become valid because the reference capacitors have
to recharge and stabilize. Connecting SHDN to VDD and OE
to GND results in nap mode, which typically dissipates
15mW. In nap mode, the on-chip reference circuit is kept
on, so that recovery from nap mode is faster than that from
sleep mode, typically taking 100 clock cycles. In both sleep
and nap modes, all digital outputs are disabled and enter
the Hi-Z state.
Grounding and Bypassing
The LTC2251/LTC2250 requires a printed circuit board
with a clean, unbroken ground plane. A multilayer board
with an internal ground plane is recommended. Layout for
the printed circuit board should ensure that digital and
analog signal lines are separated as much as possible. In
particular, care should be taken not to run any digital track
alongside an analog signal track or underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD, OVDD, VCM, REFH, and REFL pins. Bypass capaci-
tors must be located as close to the pins as possible. Of
For full speed operation the capacitive load should be kept
under 10pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Data Format
Using the MODE pin, the LTC2251/LTC2250 parallel
digital output can be selected for offset binary or 2’s
complement format. Connecting MODE to GND or
1/3VDD selects offset binary output format. Connecting
MODE to 2/3VDD or VDD selects 2’s complement output
format. An external resistor divider can be used to set the
1/3VDD or 2/3VDD logic values. Table 2 shows the logic
states for the MODE pin.
Table 2. MODE Pin Function
Clock Duty
MODE Pin
Output Format
Cycle Stablizer
0
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Figure 14. Digital Output Buffer
22510 F14
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO VDD
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
LTC2251/LTC2250
Overflow Bit
When OF outputs a logic high the converter is either
overranged or underranged.
Output Driver Power
Separate output power and ground pins allow the output
drivers to be isolated from the analog circuitry. The power
supply for the digital output buffers, OVDD, should be tied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com