Electronic Components Datasheet Search
  English  ▼

X  

LTC2250 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2250
Description  10-Bit, 125/105Msps Low Noise 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2250 Datasheet(HTML) 5 Page - Linear Technology

  LTC2250 Datasheet HTML 1Page - Linear Technology LTC2250 Datasheet HTML 2Page - Linear Technology LTC2250 Datasheet HTML 3Page - Linear Technology LTC2250 Datasheet HTML 4Page - Linear Technology LTC2250 Datasheet HTML 5Page - Linear Technology LTC2250 Datasheet HTML 6Page - Linear Technology LTC2250 Datasheet HTML 7Page - Linear Technology LTC2250 Datasheet HTML 8Page - Linear Technology LTC2250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2251/LTC2250
5
22510fa
TI I G CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3V, fSAMPLE = 125MHz (LTC2251) or 105MHz (LTC2250),
input range = 2VP-P with differential drive, clock duty cycle stabilizer on,
unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 and 11 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 3V, fSAMPLE = 125MHz (LTC2251) or 105MHz (LTC2250),
input range = 1VP-P with differential drive.
Note 9: Recommended operating conditions.
LTC2251
LTC2250
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fs
Sampling Frequency
(Note 9)
●
1
125
1
105
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
●
3.8
4
500
4.5
4.76
500
ns
Duty Cycle Stabilizer On
●
3
4
500
3
4.76
500
ns
(Note 7)
tH
CLK High Time
Duty Cycle Stabilizer Off
●
3.8
4
500
4.5
4.76
500
ns
Duty Cycle Stabilizer On
●
3
4
500
3
4.76
500
ns
(Note 7)
tAP
Sample-and-Hold
0
0
ns
Aperture Delay
tD
CLK to DATA Delay
CL = 5pF (Note 7)
●
1.4
2.7
5.4
1.4
2.7
5.4
ns
Data Access Time
CL = 5pF (Note 7)
●
4.3
10
4.3
10
ns
After OE
↓
BUS Relinquish Time
(Note 7)
●
3.3
8.5
3.3
8.5
ns
Pipeline
5
5
Cycles
Latency
POWER REQUIRE E TS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)
LTC2251
LTC2250
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VDD
Analog Supply
(Note 9)
●
2.85
3
3.4
2.85
3
3.4
V
Voltage
OVDD
Output Supply
(Note 9)
●
0.5
3
3.6
0.5
3
3.6
V
Voltage
IVDD
Supply Current
●
132
156
107
126
mA
PDISS
Power Dissipation
●
395
468
320
378
mW
PSHDN
Shutdown Power
SHDN = H,
2
2
mW
OE = H, No CLK
PNAP
Nap Mode Power
SHDN = H,
15
15
mW
OE = L, No CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com