Electronic Components Datasheet Search
  English  ▼

X  

LTC2253 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2253
Description  12-Bit, 125/105Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2253 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2253 Datasheet HTML 3Page - Linear Technology LTC2253 Datasheet HTML 4Page - Linear Technology LTC2253 Datasheet HTML 5Page - Linear Technology LTC2253 Datasheet HTML 6Page - Linear Technology LTC2253 Datasheet HTML 7Page - Linear Technology LTC2253 Datasheet HTML 8Page - Linear Technology LTC2253 Datasheet HTML 9Page - Linear Technology LTC2253 Datasheet HTML 10Page - Linear Technology LTC2253 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2253/LTC2252
7
22532fa
LTC2253: SFDR vs Input Frequency,
–1dB, 2V Range, 125Msps
LTC2253: SNR and SFDR vs Sample
Rate, 2V Range, fIN = 5MHz, –1dB
LTC2253: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2253: SNR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
INPUT FREQUENCY (MHz)
0
85
90
95
150
250
22532 G10
80
75
50
100
200
300
350
70
65
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
22532 G11
100 120 140 160
SFDR
SNR
INPUT LEVEL (dBFS)
–60
30
40
50
–30
–10
22532 G13
20
10
0
–50
–40
dBFS
dBc
–20
60
70
80
0
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2253: SFDR vs Input Level,
fIN = 70MHz, 2V Range, 125Msps
LTC2253: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
INPUT LEVEL (dBFS)
–60
0
20
40
50
10
30
60
80
–40
–20
–50
–30
–10
22532 G14
0
100
110
70
90
dBFS
dBc
SAMPLE RATE (Msps)
0
130
140
80
100
22532 G15
120
110
125
135
145
115
105
100
95
20
40
60
120
140
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
4
6
8
80
100
22532 G16
2
3
5
7
1
0
20
40
60
120
140
LTC2253: SNR vs SENSE,
fIN = 5MHz, –1dB
SENSE PIN (V)
0.4
71
0.7
22532 G32
68
66
0.5
0.6
0.8
65
64
72
70
69
67
0.9
1.0
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com