Electronic Components Datasheet Search
  English  ▼

X  

LTC2253 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2253
Description  12-Bit, 125/105Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2253 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2253 Datasheet HTML 10Page - Linear Technology LTC2253 Datasheet HTML 11Page - Linear Technology LTC2253 Datasheet HTML 12Page - Linear Technology LTC2253 Datasheet HTML 13Page - Linear Technology LTC2253 Datasheet HTML 14Page - Linear Technology LTC2253 Datasheet HTML 15Page - Linear Technology LTC2253 Datasheet HTML 16Page - Linear Technology LTC2253 Datasheet HTML 17Page - Linear Technology LTC2253 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2253/LTC2252
14
22532fa
to set the DC input level or as a reference level to an op amp
differential driver circuit. The VCM pin must be bypassed to
ground close to the ADC with a 2.2
µF or greater capacitor.
Input Drive Impedance
As with all high performance, high speed ADCs, the
dynamic performance of the LTC2253/LTC2252 can be
influenced by the input drive circuitry, particularly the
second and third harmonics. Source impedance and input
reactance can influence SFDR. At the falling edge of CLK,
the sample-and-hold circuit will connect the 3.5pF
sampling capacitor to the input pin and start the sampling
period. The sampling period ends when CLK rises, holding
the sampled input on the sampling capacitor. Ideally the
input circuitry should be fast enough to fully charge
the sampling capacitor during the sampling period
1/(2FENCODE); however, this is not always possible and the
incomplete settling may degrade the SFDR. The sampling
glitch has been designed to be as linear as possible to
minimize the effects of incomplete settling.
For the best performance, it is recommended to have a
source impedance of 100
Ω or less for each input. The
source impedance should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
Input Drive Circuits
Figure 3 shows the LTC2253/LTC2252 being driven by an
RF transformer with a center tapped secondary. The
secondary center tap is DC biased with VCM, setting the
ADC input signal at its optimum DC level. Terminating on
the transformer secondary is desirable, as this provides a
common mode path for charging glitches caused by the
sample and hold. Figure 3 shows a 1:1 turns ratio trans-
former. Other turns ratios can be used if the source
impedance seen by the ADC does not exceed 100
Ω for
each ADC input. A disadvantage of using a transformer is
the loss of low frequency response. Most small RF
transformers have poor performance at frequencies
below 1MHz.
Figure 4 demonstrates the use of a differential amplifier to
convert a single ended input signal into a differential input
signal. The advantage of this method is that it provides low
APPLICATIO S I FOR ATIO
frequency input response; however, the limited gain band-
width of most op amps will limit the SFDR at high input
frequencies.
Figure 5 shows a single-ended input circuit. The imped-
ance seen by the analog inputs should be matched. This
circuit is not recommended if low distortion is required.
The 25
Ωresistorsand12pFcapacitorontheanaloginputs
serve two purposes: isolating the drive circuitry from the
Figure 3. Single-Ended to Differential
Conversion Using a Transformer
25
Ω
25
Ω
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
12pF
2.2
µF
VCM
LTC2253/
LTC2252
ANALOG
INPUT
0.1
µFT1
1:1
T1 = MA/COM ETC1-1T
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
22532 F03
Figure 4. Differential Drive with an Amplifier
25
Ω
25
Ω
12pF
2.2
µF
VCM
LTC2253/
LTC2252
22532 F04
–
–
+
+
CM
ANALOG
INPUT
HIGH SPEED
DIFFERENTIAL
AMPLIFIER
AIN
+
AIN
–
25
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
1k
12pF
22532 F05
2.2
µF
1k
25
Ω
0.1
µF
LTC2253/
LTC2252
Figure 5. Single-Ended Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com