Electronic Components Datasheet Search
  English  ▼

X  

LTC2273 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2273
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2273 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2273 Datasheet HTML 9Page - Linear Technology LTC2273 Datasheet HTML 10Page - Linear Technology LTC2273 Datasheet HTML 11Page - Linear Technology LTC2273 Datasheet HTML 12Page - Linear Technology LTC2273 Datasheet HTML 13Page - Linear Technology LTC2273 Datasheet HTML 14Page - Linear Technology LTC2273 Datasheet HTML 15Page - Linear Technology LTC2273 Datasheet HTML 16Page - Linear Technology LTC2273 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LTC2273/LTC2272
13
22732f
SAMPLE RATE (Msps)
20
60
40
80
100
22732
G50
240
280
320
360
VDD = 3.3V
VDD = 3.47V
VDD = 3.13V
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2272: 64k Point FFT,
fIN = 250.2MHz, –1dBFS, PGA = 1
LTC2272: SFDR vs Input
Frequency
LTC2272: SNR vs Input Frequency
LTC2272: SNR and SFDR vs
Sample Rate, fIN = 5.2MHz
LTC2272: SNR and SFDR vs
Supply Voltage (VDD),
fIN = 5.2MHz
LTC2272: SFDR vs Analog Input
Common Mode Voltage, 5MHz
and 70MHz, –1dBFS
LTC2272: IVDD vs Sample Rate,
5MHz Sine, –1dBFS
FREQUENCY (MHz)
22732
G44
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
102030
INPUT FREQUENCY (MHz)
0
200
22732
G45
400
300
100
65
70
75
80
85
90
95
100
110
105
INPUT FREQUENCY (MHz)
0
200
22732
G46
400
300
100
70
72
74
76
78
SAMPLE RATE (Msps)
20
60
22732
G47
100
80
40
SFDR
SNR
70
75
80
85
90
95
100
105
110
SUPPLY VOLTAGE (V)
2.8
3.2
22732
G48
3.4
3.0
SFDR
SNR
70
75
80
85
90
95
100
105
110
ANALOG INPUT COMMON MODE VOLTAGE (V)
0.50
0.75
1.00
1.25
1.50
1.75
22732
G49
2.00
60
65
70
75
80
85
90
95
100
105
110
5MHz
70MHz
VDD = 3.3V, OVDD = 1.5V, TA = 25°C, FS = 65Msps,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com