Electronic Components Datasheet Search
  English  ▼

X  

LTC2273 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2273
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2273 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2273 Datasheet HTML 14Page - Linear Technology LTC2273 Datasheet HTML 15Page - Linear Technology LTC2273 Datasheet HTML 16Page - Linear Technology LTC2273 Datasheet HTML 17Page - Linear Technology LTC2273 Datasheet HTML 18Page - Linear Technology LTC2273 Datasheet HTML 19Page - Linear Technology LTC2273 Datasheet HTML 20Page - Linear Technology LTC2273 Datasheet HTML 21Page - Linear Technology LTC2273 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
LTC2273/LTC2272
18
22732f
DEFINITIONS
DYNAMIC PERFORMANCE TERMS
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N+D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band lim-
ited to frequencies above DC to below half the sampling
frequency.
Signal-to-Noise Ratio
The signal-to-noise (SNR) is the ratio between the RMS
amplitude of the fundamental input frequency and the RMS
amplitude of all other frequency components, except the
first five harmonics.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum
of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD
is expressed as:
THD = –20Log (
√(V
2
2 + V32 + V42 + ... VN2)/V1)
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the second
through nth harmonics.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer function
can create distortion products at the sum and difference
frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 3rd order IMD terms include (2fa + fb),
(fa + 2fb), (2fa - fb) and (fa - 2fb). The 3rd order IMD is
defined as the ratio of the RMS value of either input tone
to the RMS value of the largest 3rd order IMD product.
Spurious Free Dynamic Range (SFDR)
The ratio of the RMS input signal amplitude to the RMS
value of the peak spurious spectral component expressed
in dBc. SFDR may also be calculated relative to full scale
and expressed in dBFS.
Full Power Bandwidth
The full power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is reduced
by 3dB for a full scale input signal.
Aperture Delay Time
The time from when a rising ENC+ equals the ENC– voltage
to the instant that the input signal is held by the sample-
and-hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion
to conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2π • fIN • tJITTER)
SERIAL INTERFACE TERMS
8B/10B Encoding
A data encoding method designed to make an 8-bit data
word (octet) more suitable for serial transmission. The
resulting 10-bit word (code-group) has two fundamental
strengths: 1) The receiver does not require a high-speed
clock to capture the data. This is because the output
code-groups are run-length limited, ensuring that there
are enough transitions in the bit stream for the receiver
to lock onto the data and recover the high-speed clock.
2) AC coupling is permitted because the code-groups are
generated in a way that ensures the data stream is DC
balanced (see Running Disparity).
A table of the 256 possible input octets with the resulting
10-bit code-groups is documented in IEEE Std 802.3-2002
part3 Table 36-1. The name associated with each of the
256 data code-groups is formatted Dx.y, with x ranging
from 0 to 31 and y ranging from 0 to 7. Table 36-2 of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com