Electronic Components Datasheet Search
  English  ▼

X  

LTC2280 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2280
Description  Dual 10-Bit, 105Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2280 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2280 Datasheet HTML 10Page - Linear Technology LTC2280 Datasheet HTML 11Page - Linear Technology LTC2280 Datasheet HTML 12Page - Linear Technology LTC2280 Datasheet HTML 13Page - Linear Technology LTC2280 Datasheet HTML 14Page - Linear Technology LTC2280 Datasheet HTML 15Page - Linear Technology LTC2280 Datasheet HTML 16Page - Linear Technology LTC2280 Datasheet HTML 17Page - Linear Technology LTC2280 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2280
14
2280fa
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS, INDUCTORS
ARE 0402 PACKAGE SIZE
2280 F08
6.8nH
6.8nH
LTC2280
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
2.2
µF
VCM
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2280 F07
LTC2280
25
Ω
25
Ω
12
Ω
12
Ω
0.1
µF
AIN
+
AIN
–
8pF
2.2
µF
VCM
ANALOG
INPUT
0.1
µF
0.1
µF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2280 F06
LTC2280
25
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
1k
12pF
2280 F05
2.2
µF
1k
25
Ω
0.1
µF
LTC2280
25
Ω
25
Ω
12pF
2.2
µF
VCM
2280 F04
–
–
+
+
CM
ANALOG
INPUT
HIGH SPEED
DIFFERENTIAL
AMPLIFIER
AIN
+
AIN
–
LTC2280
Figure 5 shows a single-ended input circuit. The imped-
ance seen by the analog inputs should be matched. This
circuit is not recommended if low distortion is required.
APPLICATIO S I FOR ATIO
Figure 6. Recommended Front End Circuit for
Input Frequencies Between 70MHz and 170MHz
Figure 8. Recommended Front End Circuit for
Input Frequencies Above 300MHz
Figure 7. Recommended Front End Circuit for
Input Frequencies Between 170MHz and 300MHz
Figure 5. Single-Ended Drive
Figure 4. Differential Drive with an Amplifier
The 25
Ωresistorsand12pFcapacitorontheanaloginputs
serve two purposes: isolating the drive circuitry from the
sample-and-hold charging glitches and limiting the
wideband noise at the converter input.
For input frequencies above 70MHz, the input circuits of
Figure 6, 7 and 8 are recommended. The balun trans-
former gives better high frequency response than a flux
coupled center tapped transformer. The coupling capaci-
tors allow the analog inputs to be DC biased at 1.5V. In
Figure 8, the series inductors are impedance matching
elements that maximize the ADC bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com