Electronic Components Datasheet Search
  English  ▼

X  

LTC2281 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2281
Description  Dual 10-Bit, 125Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2281 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2281 Datasheet HTML 9Page - Linear Technology LTC2281 Datasheet HTML 10Page - Linear Technology LTC2281 Datasheet HTML 11Page - Linear Technology LTC2281 Datasheet HTML 12Page - Linear Technology LTC2281 Datasheet HTML 13Page - Linear Technology LTC2281 Datasheet HTML 14Page - Linear Technology LTC2281 Datasheet HTML 15Page - Linear Technology LTC2281 Datasheet HTML 16Page - Linear Technology LTC2281 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2281
13
2281fb
APPLICATIONS INFORMATION
from the input and the held voltage is passed to the ADC
core for processing. As CLK transitions from high to low,
the inputs are reconnected to the sampling capacitors to
acquire a new sample. Since the sampling capacitors still
hold the previous sample, a charging glitch proportional to
the change in voltage between samples will be seen at this
time. If the change between the last sample and the new
sample is small, the charging glitch seen at the input will
be small. If the input change is large, such as the change
seen with input frequencies near Nyquist, then a larger
charging glitch will be seen.
Single-Ended Input
For cost sensitive applications, the analog inputs can be
driven single-ended. With a single-ended input the har-
monic distortion and INL will degrade, but the SNR and
DNL will remain unchanged. For a single-ended input, AIN+
should be driven with the input signal and AIN– should be
connected to 1.5V or VCM.
Common Mode Bias
For optimal performance the analog inputs should be
driven differentially. Each input should swing ±0.5V for the
2V range or ±0.25V for the 1V range, around a common
mode voltage of 1.5V. The VCM output pin may be used
to provide the common mode bias level. VCM can be tied
directly to the center tap of a transformer to set the DC
input level or as a reference level to an op amp differential
driver circuit. The VCM pin must be bypassed to ground
close to the ADC with a 2.2μF or greater capacitor.
Input Drive Impedance
As with all high performance, high speed ADCs, the dynamic
performance of the LTC2281 can be influenced by the input
drive circuitry, particularly the second and third harmonics.
Source impedance and reactance can influence SFDR. At
the falling edge of CLK, the sample-and-hold circuit will
connect the 3.5pF sampling capacitor to the input pin and
start the sampling period. The sampling period ends when
CLK rises, holding the sampled input on the sampling
capacitor. Ideally the input circuitry should be fast enough
to fully charge the sampling capacitor during the sampling
period 1/(2FENCODE); however, this is not always possible
and the incomplete settling may degrade the SFDR. The
sampling glitch has been designed to be as linear as pos-
sible to minimize the effects of incomplete settling.
For the best performance, it is recommended to have a
source impedance of 100Ω or less for each input. The
source impedance should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
Input Drive Circuits
Figure 3 shows the LTC2281 being driven by an RF trans-
former with a center tapped secondary. The secondary
center tap is DC biased with VCM, setting the ADC input
signal at its optimum DC level. Terminating on the trans-
former secondary is desirable, as this provides a common
mode path for charging glitches caused by the sample and
hold. Figure 3 shows a 1:1 turns ratio transformer. Other
turns ratios can be used if the source impedance seen
by the ADC does not exceed 100Ω for each ADC input.
A disadvantage of using a transformer is the loss of low
frequency response. Most small RF transformers have
poor performance at frequencies below 1MHz.
Figure 3. Single-Ended to Differential
Conversion Using a Transformer
25Ω
25Ω
25Ω
25Ω
0.1μF
AIN
+
AIN
–
12pF
2.2μF
VCM
LTC2281
ANALOG
INPUT
0.1μF
T1
1:1
T1 = MA/COM ETC1-1T
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2281 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com