Electronic Components Datasheet Search
  English  ▼

X  

LTC2281 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2281
Description  Dual 10-Bit, 125Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2281 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2281 Datasheet HTML 10Page - Linear Technology LTC2281 Datasheet HTML 11Page - Linear Technology LTC2281 Datasheet HTML 12Page - Linear Technology LTC2281 Datasheet HTML 13Page - Linear Technology LTC2281 Datasheet HTML 14Page - Linear Technology LTC2281 Datasheet HTML 15Page - Linear Technology LTC2281 Datasheet HTML 16Page - Linear Technology LTC2281 Datasheet HTML 17Page - Linear Technology LTC2281 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2281
14
2281fb
APPLICATIONS INFORMATION
Figure 4 demonstrates the use of a differential amplifier to
convert a single ended input signal into a differential input
signal. The advantage of this method is that it provides
low frequency input response; however, the limited gain
bandwidth of most op amps will limit the SFDR at high
input frequencies.
Figure 5 shows a single-ended input circuit. The impedance
seen by the analog inputs should be matched. This circuit
is not recommended if low distortion is required.
The 25Ω resistors and 12pF capacitor on the analog
inputs serve two purposes: isolating the drive circuitry
from the sample-and-hold charging glitches and limiting
the wideband noise at the converter input.
For input frequencies above 70MHz, the input circuits of
Figure 6, 7 and 8 are recommended. The balun transformer
gives better high frequency response than a flux coupled
center tapped transformer. The coupling capacitors allow
the analog inputs to be DC biased at 1.5V. In Figure 8, the
series inductors are impedance matching elements that
maximize the ADC bandwidth.
Figure 4. Differential Drive with an Amplifier
Figure 5. Single-Ended Drive
Figure 6. Recommended Front End Circuit for
Input Frequencies Between 70MHz and 170MHz
Figure 7. Recommended Front End Circuit for
Input Frequencies Between 170MHz and 300MHz
Figure 8. Recommended Front End Circuit for
Input Frequencies Above 300MHz
25Ω
25Ω
12pF
2.2μF
VCM
2281 F04
–
–
+
+
CM
ANALOG
INPUT
HIGH SPEED
DIFFERENTIAL
AMPLIFIER
AIN
+
AIN
–
LTC2281
25Ω
0.1μF
ANALOG
INPUT
VCM
AIN
+
AIN
–
1k
12pF
2281 F05
2.2μF
1k
25Ω
0.1μF
LTC2281
25Ω
25Ω
12Ω
12Ω
0.1μF
AIN
+
AIN
–
8pF
2.2μF
VCM
ANALOG
INPUT
0.1μF
0.1μF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2281 F06
LTC2281
25Ω
25Ω
0.1μF
AIN
+
AIN
–
2.2μF
VCM
ANALOG
INPUT
0.1μF
0.1μF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2281 F07
LTC2281
25Ω
25Ω
0.1μF
AIN
+
AIN
–
2.2μF
VCM
ANALOG
INPUT
0.1μF
0.1μF
T1
T1 = MA/COM, ETC 1-1-13
RESISTORS, CAPACITORS, INDUCTORS
ARE 0402 PACKAGE SIZE
2281 F08
8.2nH
8.2nH
LTC2281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com