Electronic Components Datasheet Search
  English  ▼

X  

LTC2283 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2283
Description  Dual 12-Bit, 125Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2283 Datasheet(HTML) 1 Page - Linear Technology

  LTC2283 Datasheet HTML 1Page - Linear Technology LTC2283 Datasheet HTML 2Page - Linear Technology LTC2283 Datasheet HTML 3Page - Linear Technology LTC2283 Datasheet HTML 4Page - Linear Technology LTC2283 Datasheet HTML 5Page - Linear Technology LTC2283 Datasheet HTML 6Page - Linear Technology LTC2283 Datasheet HTML 7Page - Linear Technology LTC2283 Datasheet HTML 8Page - Linear Technology LTC2283 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2283
1
2283fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 12-Bit, 125Msps
Low Power 3V ADC
The LTC®2283 is a 12-bit 125Msps, low power dual 3V
A/D converter designed for digitizing high frequency,
wide dynamic range signals. The LTC2283 is perfect for
demanding imaging and communications applications
with AC performance that includes 70.1dB SNR and 82dB
SFDR for signals at the Nyquist frequency.
Typical DC specs include ±0.4LSB INL, ±0.2LSB DNL. The
transition noise is a low 0.32LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic.
A single-ended CLK input controls converter operation.
An optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
A data ready output clock (CLKOUT) can be used to latch
the output data.
SNR vs Input Frequency,
–1dB, 2V Range
n Integrated Dual 12-Bit ADCs
n Sample Rate: 125Msps
n Single 3V Supply (2.85V to 3.4V)
n Low Power: 790mW
n 70.2dB SNR, 88dB SFDR
n 110dB Channel Isolation at 100MHz
n Flexible Input: 1VP-P to 2VP-P Range
n 640MHz Full Power Bandwidth S/H
n Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Data Ready Output Clock
n Pin Compatible Family
125Msps: LTC2283 (12-Bit), LTC2285 (14-Bit)
105Msps: LTC2282 (12-Bit), LTC2284 (14-Bit)
80Msps: LTC2294 (12-Bit), LTC2299 (14-Bit)
65Msps: LTC2293 (12-Bit), LTC2298 (14-Bit)
40Msps: LTC2292 (12-Bit), LTC2297 (14-Bit)
n 64-Pin (9mm × 9mm) QFN Package
n Wireless and Wired Broadband Communication
n Imaging Systems
n Spectral Analysis
n Portable Instrumentation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
–
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
•
•
•
OVDD
OGND
MUX
CLKOUT
D11A
D0A
•
•
•
OVDD
OGND
2283 TA01
D11B
D0B
–
+
OUTPUT
DRIVERS
INPUT
S/H
12-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OF
INPUT FREQUENCY (MHz)
0
72
150
2283 TA01b
69
67
50
100
200
66
65
73
71
70
68
250
300
350


Similar Part No. - LTC2283

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
More results

Similar Description - LTC2283

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2294 LINER-LTC2294_15 Datasheet
722Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com