Electronic Components Datasheet Search
  English  ▼

X  

LTC2283 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2283
Description  Dual 12-Bit, 125Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2283 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2283 Datasheet HTML 2Page - Linear Technology LTC2283 Datasheet HTML 3Page - Linear Technology LTC2283 Datasheet HTML 4Page - Linear Technology LTC2283 Datasheet HTML 5Page - Linear Technology LTC2283 Datasheet HTML 6Page - Linear Technology LTC2283 Datasheet HTML 7Page - Linear Technology LTC2283 Datasheet HTML 8Page - Linear Technology LTC2283 Datasheet HTML 9Page - Linear Technology LTC2283 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2283
6
2283fb
TYPICAL PERFORMANCE CHARACTERISTICS
Crosstalk vs Input Frequency
Typical INL, 2V Range, 125Msps
Typical DNL, 2V Range, 125Msps
8192 Point FFT, fIN = 5MHz,
–1dB, 2V Range, 125Msps
8192 Point FFT, fIN = 30MHz,
–1dB, 2V Range, 125Msps
8192 Point FFT, fIN = 70MHz,
–1dB, 2V Range, 125Msps
8192 Point FFT, fIN = 140MHz,
–1dB, 2V Range, 125Msps
8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range, 125Msps
Grounded Input
Histogram, 125Msps
INPUT FREQUENCY (MHz)
0
–130
–125
–120
–115
–110
–105
–100
20
40
60
80
2283 G01
100
CODE
0
3072
2283 G02
1024
2048
4096
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE
0
3072
2283 G03
1024
2048
4096
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
FREQUENCY (MHz)
0
2283 G04
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2283 G05
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2283 G06
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2283 G07
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
2283 G08
10
20
30
40
50
60
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
2044
50000
60000
70000
2048
2283 G09
40000
30000
2045
00
4249
2046
58717
2047
2562
20000
10000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com