Electronic Components Datasheet Search
  English  ▼

X  

LTC2289 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2289
Description  Dual 10-Bit, 80Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2289 Datasheet(HTML) 1 Page - Linear Technology

  LTC2289 Datasheet HTML 1Page - Linear Technology LTC2289 Datasheet HTML 2Page - Linear Technology LTC2289 Datasheet HTML 3Page - Linear Technology LTC2289 Datasheet HTML 4Page - Linear Technology LTC2289 Datasheet HTML 5Page - Linear Technology LTC2289 Datasheet HTML 6Page - Linear Technology LTC2289 Datasheet HTML 7Page - Linear Technology LTC2289 Datasheet HTML 8Page - Linear Technology LTC2289 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2289
1
2289fa
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Integrated Dual 10-Bit ADCs
■ Sample Rate: 80Msps
■ Single 3V Supply (2.7V to 3.4V)
■ Low Power: 422mW
■ 61.6dB SNR at 70MHz Input
■ 85dB SFDR at 70MHz Input
■ 110dB Channel Isolation at 100MHz
■ Multiplexed or Separate Data Bus
■ Flexible Input: 1VP-P to 2VP-P Range
■ 575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■ Shutdown and Nap Modes
■ Pin Compatible Family
105Msps: LTC2282 (12-Bit), LTC2280 (10-Bit)
80Msps: LTC2294 (12-Bit), LTC2289 (10-Bit)
65Msps: LTC2293 (12-Bit), LTC2288 (10-Bit)
40Msps: LTC2292 (12-Bit), LTC2287 (10-Bit)
25Msps: LTC2291 (12-Bit), LTC2286 (10-Bit)
■ 64-Pin (9mm
× 9mm) QFN Package
Dual 10-Bit, 80Msps
Low Noise 3V ADC
The LTC
®2289 is a 10-bit 80Msps, low noise 3V dual A/D
converter designed for digitizing high frequency, wide
dynamic range signals. The LTC2289 is perfect for
demanding imaging and communications applications
with AC performance that includes 61.6dB SNR and 85dB
SFDR for signals well beyond the Nyquist frequency.
DC specs include
±0.1LSB INL (typ), ±0.1LSB DNL (typ)
and
±0.6LSB INL, ±0.5LSB DNL over temperature. The
transition noise is a low 0.08LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic. An optional multiplexer allows both channels to
share a digital output bus.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
SNR vs Input Frequency,
–1dB, 2V Range, 80Msps
INPUT FREQUENCY (MHz)
0
55
56
58
59
60
65
62
50
100
2289 TA02
57
63
64
61
150
200
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■ Spectral Analysis
■ Portable Instrumentation
–
+
INPUT
S/H
ANALOG
INPUT A
ANALOG
INPUT B
CLK A
CLK B
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL
OUTPUT
DRIVERS
•
•
•
OVDD
OGND
MUX
D9A
D0A
•
•
•
OVDD
OGND
2289 TA01
D9B
D0B
–
+
OUTPUT
DRIVERS
INPUT
S/H
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY CYCLE
CONTROL


Similar Part No. - LTC2289

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2289 LINER-LTC2289_15 Datasheet
666Kb / 24P
Dual 10-Bit, 80Msps Low Noise 3V ADC
More results

Similar Description - LTC2289

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
14-Bit, 80Msps Low Power 3V ADC
LTC2239 LINER-LTC2239 Datasheet
559Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2280 LINER-LTC2280 Datasheet
705Kb / 24P
Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2294 LINER-LTC2294 Datasheet
716Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2289 LINER-LTC2289_15 Datasheet
666Kb / 24P
Dual 10-Bit, 80Msps Low Noise 3V ADC
LTC2294 LINER-LTC2294_15 Datasheet
722Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299_15 Datasheet
718Kb / 24P
Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com