Electronic Components Datasheet Search
  English  ▼

X  

LTC2299 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2299
Description  Dual 14-Bit, 80Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2299 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2299 Datasheet HTML 3Page - Linear Technology LTC2299 Datasheet HTML 4Page - Linear Technology LTC2299 Datasheet HTML 5Page - Linear Technology LTC2299 Datasheet HTML 6Page - Linear Technology LTC2299 Datasheet HTML 7Page - Linear Technology LTC2299 Datasheet HTML 8Page - Linear Technology LTC2299 Datasheet HTML 9Page - Linear Technology LTC2299 Datasheet HTML 10Page - Linear Technology LTC2299 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2299
7
2299fa
TYPICAL PERFOR A CE CHARACTERISTICS
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SNR and SFDR vs Clock Duty
Cycle, 80Msps
SNR vs Input Level,
fIN = 70MHz, 2V Range, 80Msps
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, OVDD = 1.8V
IVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB
SFDR vs Input Level,
fIN = 70MHz, 2V Range, 80Msps
SFDR vs Input Frequency, –1dB,
2V Range, 80Msps
SAMPLE RATE (Msps)
0
95
105
125
135
145
165
10
50
70
2299 G16
115
155
40
90 100
20 30
60
80
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
0
2
6
8
10
14
10
50
70
2299 G17
4
12
40
90 100
20 30
60
80
SNR vs Input Frequency, –1dB,
2V Range, 80Msps
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
50
100
2299 G10
67
73
74
71
150
200
INPUT FREQUENCY (MHz)
0
85
90
100
150
2299 G11
80
75
50
100
200
70
65
95
SAMPLE RATE (Msps)
0
80
90
100
80
2299 G12
70
60
50
10 20 30 40 50 60 70
90 100 110
SFDR
SNR
CLOCK DUTY CYCLE (%)
30
85
90
60
2299 G13
80
75
40
50
35
65
45
55
70
70
95
SFDR: DCS ON
SNR: DCS ON
SNR: DCS OFF
SFDR: DCS OFF
INPUT LEVEL (dBFS)
–50
–60
–70
30
40
50
–20
0
2299 G14
20
10
0
–40
–30
dBFS
dBc
–10
60
70
80
INPUT LEVEL (dBFS)
–80
60
dBc
dBFS
90
100
0
2299 G15
50
40
0
–60
–40
–20
20
120
110
80
70
30
10
100dBc SFDR
REFERENCE LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com