Electronic Components Datasheet Search
  English  ▼

X  

LTC2299 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2299
Description  Dual 14-Bit, 80Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2299 Datasheet(HTML) 3 Page - Linear Technology

  LTC2299 Datasheet HTML 1Page - Linear Technology LTC2299 Datasheet HTML 2Page - Linear Technology LTC2299 Datasheet HTML 3Page - Linear Technology LTC2299 Datasheet HTML 4Page - Linear Technology LTC2299 Datasheet HTML 5Page - Linear Technology LTC2299 Datasheet HTML 6Page - Linear Technology LTC2299 Datasheet HTML 7Page - Linear Technology LTC2299 Datasheet HTML 8Page - Linear Technology LTC2299 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2299
3
2299fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
73
dB
40MHz Input
●
70.1
73
dB
70MHz Input
73
dB
140MHz Input
72.6
dB
SFDR
5MHz Input
90
dB
40MHz Input
●
74
90
dB
70MHz Input
90
dB
140MHz Input
85
dB
SFDR
5MHz Input
90
dB
40MHz Input
●
80
90
dB
70MHz Input
90
dB
140MHz Input
90
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5MHz Input
72.9
dB
40MHz Input
●
69.5
72.8
dB
70MHz Input
72.8
dB
140MHz Input
72.1
dB
IMD
Intermodulation Distortion
fIN = 40MHz,
90
dB
41MHz
Crosstalk
fIN = 100MHz
–110
dB
Spurious Free Dynamic Range
4th Harmonic or Higher
Spurious Free Dynamic Range
2nd or 3rd Harmonic
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ –AIN–)
2.7V < VDD < 3.4V (Note 7)
●
±0.5 to ±1V
VIN,CM
Analog Input Common Mode (AIN+ +AIN–)/2
Differential Input (Note 7)
●
1
1.5
1.9
V
Single Ended Input (Note 7)
●
0.5
1.5
2
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
●
–1
1
µA
ISENSE
SENSEA, SENSEB Input Leakage
0V < SENSEA, SENSEB < 1V
●
–3
3
µA
IMODE
MODE Input Leakage Current
0V < MODE < VDD
●
–3
3
µA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
The
● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
A ALOG I PUT
DY A IC ACCURACY
The
● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com