Electronic Components Datasheet Search
  English  ▼

X  

LTC2401CMS Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 18Page - Linear Technology LTC2401CMS Datasheet HTML 19Page - Linear Technology LTC2401CMS Datasheet HTML 20Page - Linear Technology LTC2401CMS Datasheet HTML 21Page - Linear Technology LTC2401CMS Datasheet HTML 22Page - Linear Technology LTC2401CMS Datasheet HTML 23Page - Linear Technology LTC2401CMS Datasheet HTML 24Page - Linear Technology LTC2401CMS Datasheet HTML 25Page - Linear Technology LTC2401CMS Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LTC2401/LTC2402
used to shift the conversion result into external circuitry.
After the 32nd rising edge, CS is pulled HIGH and a new
conversion is immediately started. This is useful in appli-
cations requiring periodic monitoring and ultralow power.
Figure 14 shows the average supply current as a function
of capacitance on CS.
It should be noticed that the external capacitor discharge
current is kept very small in order to decrease the con-
verter power dissipation in the sleep state. In the autostart
mode the analog voltage on the CS pin cannot be observed
without disturbing the converter operation using a regular
oscilloscope probe. When using this configuration, it is
important to minimize the external leakage current at the
CS pin by using a low leakage external capacitor and
properly cleaning the PCB surface.
The internal serial clock mode is selected every time the
voltage on the CS pin crosses an internal threshold volt-
age. An internal weak pull-up at the SCK pin is active while
CS is discharging; therefore, the internal serial clock
timing mode is automatically selected if SCK is floating. It
is important to ensure there are no external drivers pulling
SCK LOW while CS is discharging.
as 100
µs. However, some considerations are required to
take advantage of exceptional accuracy and low supply
current.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
In order to preserve the LTC2401/LTC2402’s accuracy, it
is very important to minimize the ground path impedance
which may appear in series with the input and/or reference
signal and to reduce the current which may flow through
this path. The GND pin should be connected to a low
resistance ground plane through a minimum length trace.
The use of multiple via holes is recommended to further
reduce the connection resistance.
In an alternative configuration, the GND pin of the converter
can be the single-point-ground in a single point grounding
system. The input signal ground, the reference signal
ground, the digital drivers ground (usually the digital
ground) and the power supply ground (the analog ground)
should be connected in a star configuration with the com-
mon point located as close to the GND pin as possible.
The power supply current during the conversion state
should be kept to a minimum. This is achieved by restrict-
ing the number of digital signal transitions occurring
during this period.
While a digital input signal is in the range 0.5V to
(VCC – 0.5V), the CMOS input receiver draws additional
current from the power supply. It should be noted that,
when any one of the digital input signals (FO, CS and SCK
in External SCK mode of operation) is within this range, the
LTC2401/LTC2402 power supply current may increase
even if the signal in question is at a valid logic level. For
micropower operation and in order to minimize the poten-
tial errors due to additional ground pin current, it is
recommended to drive all digital input signals to full CMOS
levels [VIL < 0.4V and VOH > (VCC – 0.4V)].
Severe ground pin current disturbances can also occur
due to the undershoot of fast digital input signals. Under-
shoot and overshoot can occur because of the impedance
mismatch at the converter pin when the transition time of
an external control signal is less than twice the propaga-
tion delay from the driver to LTC2401/LTC2402. For
APPLICATIO S I FOR ATIO
CAPACITANCE ON CS (pF)
1
0
50
100
150
200
250
300
10
100
1000
10000
24012 F14
100000
VCC = 5V
VCC = 3V
Figure 14. CS Capacitance vs Supply Current
DIGITAL SIGNAL LEVELS
The LTC2401/LTC2402’s digital interface is easy to use.
Its digital inputs (FO, CS and SCK in External SCK mode of
operation) accept standard TTL/CMOS logic levels and the
internal hysteresis receivers can tolerate edge rates as slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com