Electronic Components Datasheet Search
  English  ▼

X  

LTC2401CMS Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 23Page - Linear Technology LTC2401CMS Datasheet HTML 24Page - Linear Technology LTC2401CMS Datasheet HTML 25Page - Linear Technology LTC2401CMS Datasheet HTML 26Page - Linear Technology LTC2401CMS Datasheet HTML 27Page - Linear Technology LTC2401CMS Datasheet HTML 28Page - Linear Technology LTC2401CMS Datasheet HTML 29Page - Linear Technology LTC2401CMS Datasheet HTML 30Page - Linear Technology LTC2401CMS Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
at VIN = VB = FSSET, see Figure 29. Similarly, the offset
errors due to RP2 are removed by the ground sense input
ZSSET. The absolute zero output of the ADC (data out =
000000HEX) occurs at VIN = VA= ZSSET. Parasitic resistors
RP3 to RP5 have negligible errors due to the 1nA (typ)
leakage current at pins FSSET, ZSSET and VIN. The wide
dynamic input range (– 300mV to 5.3V) and low noise
(0.6ppm RMS) enable the LTC2401 or the LTC2402 to
directly digitize the output of the bridge sensor.
The LTC2402 is ideal for applications requiring continu-
ous monitoring of two input sensors. As shown in
Figure 30, the LTC2402 can monitor both a thermocouple
temperature probe and a cold junction temperature sen-
sor. Absolute temperature measurements can be
performed with a variety of thermocouples using digital
cold junction compensation.
The selection between CH0 and CH1 is automatic. Initially,
after power-up, a conversion is performed on CH0. For
each subsequent conversion, the input channel selection
is alternated. Embedded within the serial data output is a
status bit indicating which channel corresponds to the
conversion result. If the conversion was performed on
CH0, this bit (Bit 30) is LOW and is HIGH if the conversion
was performed on CH1 (see Figure 31).
Figure 29. Transfer Curve with Zero-Scale and Full-Scale Set
Figure 30. Isolated Temperature Measurement
00000H
12.5%
UNDER
RANGE
FFFFFH
ZSSET
FSSET
VIN
24012 F29
12.5%
EXTENDED
RANGE
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
THERMOCOUPLE
COLD JUNCTION
ISOLATION
BARRIER
PROCESSOR
CH0
–
+
110
12k
THERMISTOR
100
Ω
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
24012 F30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com