Electronic Components Datasheet Search
  English  ▼

X  

LTC2451 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2451
Description  Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2451 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2451 Datasheet HTML 8Page - Linear Technology LTC2451 Datasheet HTML 9Page - Linear Technology LTC2451 Datasheet HTML 10Page - Linear Technology LTC2451 Datasheet HTML 11Page - Linear Technology LTC2451 Datasheet HTML 12Page - Linear Technology LTC2451 Datasheet HTML 13Page - Linear Technology LTC2451 Datasheet HTML 14Page - Linear Technology LTC2451 Datasheet HTML 15Page - Linear Technology LTC2451 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2451
13
2451fd
Figure 11. LTC2451 Input Drive Equivalent Circuit
2. The bandwidth from VSIG is reduced at the input pin.
This bandwidth reduction isolates the ADC from high
frequency signals, and as such provides simple anti-
aliasing and input noise reduction.
3. Switching transients generated by the ADC are attenu-
ated before they go back to the signal source.
4. A large CIN gives a better AC ground at the input pin,
helping reduce reflections back to the signal source.
5. Increasing RS protects the ADC by limiting the current
during an outside-the-rails fault condition.
There is a limit to how large RS • CIN should be for a given
application. Increasing RS beyond a given point increases
the voltage drop across RS due to the input current,
to the point that significant measurement errors exist.
Additionally, for some applications, increasing the RS• CIN
product too much may unacceptably attenuate the signal
at frequencies of interest.
For most applications, it is desirable to implement CIN as
a high quality 0.1
μF ceramic capacitor and RS ≤ 1k. This
capacitor should be located as close as possible to the
input pin. Furthermore, the area encompassed by this circuit
path, as well as the path length, should be minimized.
Figure 12. Measured INL vs Input Voltage,
CIN = 0.1μF, VCC = 5V, TA = 25°C
In the case of a 2-wire sensor that is not remotely
grounded, it is desirable to split RS and place series
resistors in the ADC input line and in the sensor ground
return line, which should be tied to the ADC GND pin using
a star connection topology.
Figure 12 shows the measured LTC2451 INL versus the
input voltage as a function of RS value with an input ca-
pacitor CIN = 0.1μF.
In some cases, RS can be increased above these guide-
lines. The input current is negligible when the ADC is
either in sleep or I/O modes. Thus, if the time constant of
the input RC circuit
τ = RS • CIN, is of the same order of
magnitude or longer than the time periods between actual
conversions, then one can consider the input current to
be reduced correspondingly.
These considerations need to be balanced out by the input
signal bandwidth. The 3dB bandwidth ≈ 1/(2
πRSCIN).
Finally, if the recommended choice for CIN is unacceptable
for the user’s specific application, an alternate strategy is to
eliminate CIN and minimize CPAR and RS. In practical terms,
this configuration corresponds to a low impedance sensor
directly connected to the ADC through minimum length
Figure 13. Measured INL vs Input Voltage,
CIN = 0, VCC = 5V, TA = 25°C
APPLICATIONS INFORMATION
INPUT VOLTAGE (V)
0
–4
0
4
3
5
2451 F12
–8
–12
–16
12
4
8
12
16
RS = 10k
RS = 1k
RS = 0
INPUT VOLTAGE (V)
0
8
6
4
2
0
–2
–4
–6
–8
4
2451 F13
123
5
3.5
0.5
1.5
2.5
4.5
RS = 1k
RS = 10k
RS = 0
VSIG
2451 F11
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN
VCC
RS
CEQ
0.35pF
(TYP)
CPAR
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com