Electronic Components Datasheet Search
  English  ▼

X  

LTC2451 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2451
Description  Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2451 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2451 Datasheet HTML 2Page - Linear Technology LTC2451 Datasheet HTML 3Page - Linear Technology LTC2451 Datasheet HTML 4Page - Linear Technology LTC2451 Datasheet HTML 5Page - Linear Technology LTC2451 Datasheet HTML 6Page - Linear Technology LTC2451 Datasheet HTML 7Page - Linear Technology LTC2451 Datasheet HTML 8Page - Linear Technology LTC2451 Datasheet HTML 9Page - Linear Technology LTC2451 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2451
6
2451fd
TEMPERATURE (°C)
–45
38
40
44
15
55
2451 G15
36
34
–25
–5
35
75
95
32
30
42
VCC = 5.5V, 4.1V, 2.7V
TEMPERATURE (°C)
–45
19
20
22
15
55
2451 G16
18
17
–25
–5
35
75
95
16
15
21
VCC = 5.5V, 4.1V, 2.7V
Conversion Period vs Temperature
30Hz Mode
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C; graphs apply to both 30Hz and 60Hz
modes, unless otherwise noted.
Average Power Dissipation vs
Temperature VCC = 3V, 60Hz Mode
Power Supply Rejection
vs Frequency at VCC
Conversion Period vs Temperature
60Hz Mode
TEMPERATURE (°C)
–50
1
10
100
1000
10000
–25
0
25
50
2451 G13
75
100
25Hz OUTPUT SAMPLE RATE
10Hz OUTPUT SAMPLE RATE
1Hz OUTPUT SAMPLE RATE
FREQUENCY AT VCC (Hz)
110
–120
–80
0
100
10k
100k
2451 G14
–100
–40
–20
–60
1k
1M
10M
30Hz MODE, 60Hz MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com