Electronic Components Datasheet Search
  English  ▼

X  

LTC2484 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2484
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2484 Datasheet HTML 10Page - Linear Technology LTC2484 Datasheet HTML 11Page - Linear Technology LTC2484 Datasheet HTML 12Page - Linear Technology LTC2484 Datasheet HTML 13Page - Linear Technology LTC2484 Datasheet HTML 14Page - Linear Technology LTC2484 Datasheet HTML 15Page - Linear Technology LTC2484 Datasheet HTML 16Page - Linear Technology LTC2484 Datasheet HTML 17Page - Linear Technology LTC2484 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
LTC2484
2484fa
EN
2484 TBL1
IM FoA FoB
SPD
Comments
Keep Previous Mode
External Input, 50Hz and 60Hz Rejection, Autocalibration
External Input, 50Hz Rejection, Autocalibration
External Input, 60Hz Rejection, Autocalibration
External Input, 50Hz and 60Hz Rejection, 2x Speed
External Input, 50Hz Rejection, 2x Speed
External Input, 60Hz Rejection, 2x Speed
Temperature Input, 50Hz and 60Hz Rejection, Autocalibration
Temperature Input, 50Hz Rejection, Autocalibration
Temperature Input, 60Hz Rejection, Autocalibration
Reserved, Do Not Use
0
1
1
1
1
1
1
1
1
1
1
X
0
0
0
0
0
0
1
1
1
X
X
0
0
0
1
1
1
X
X
X
X
X
0
1
0
0
1
0
0
1
0
1
X
0
0
1
0
0
1
0
0
1
1
APPLICATIO S I FOR ATIO
Table 1. Selecting Special Modes
Figure 2. Input/Output Data Timing
CS
SDO
Hi-Z
SIG
DMY
BIT 29
MSB
CONVERSION RESULT
BIT 28
BIT 27
BIT 26
LSB24
BIT 4
BIT 5
BIT 3
BIT 1
BIT 0
BIT 2
BIT 30
SCK
SDI
SLEEP
DATA INPUT/OUTPUT
BIT 31
EOC
EN
DON’T CARE
IM
FOB
FOA
SPD
DON’T CARE
CONVERSION
2484 F02
SUB LSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com