Electronic Components Datasheet Search
  English  ▼

X  

LTC2484 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2484
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2484 Datasheet HTML 28Page - Linear Technology LTC2484 Datasheet HTML 29Page - Linear Technology LTC2484 Datasheet HTML 30Page - Linear Technology LTC2484 Datasheet HTML 31Page - Linear Technology LTC2484 Datasheet HTML 32Page - Linear Technology LTC2484 Datasheet HTML 33Page - Linear Technology LTC2484 Datasheet HTML 34Page - Linear Technology LTC2484 Datasheet HTML 35Page - Linear Technology LTC2484 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
LTC2484
2484fa
APPLICATIO S I FOR ATIO
Figure 23. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 24. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 25. Offset Error vs Output
Data Rate and Reference Voltage
Figure 26. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Reference Voltage
Figure 27. Resolution (INLMAX ≤ 1LSB) vs
Output Data Rate and Reference Voltage
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
20
24
10
50
70
2484 F23
14
22
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
FO = EXT CLOCK
RES = LOG 2 (VREF/NOISERMS)
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
22
10
50
70
2484 F24
14
20
40
90 100
20 30
60
80
TA = 85°C
TA = 25°C
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
RES = LOG 2 (VREF/INLMAX)
OUTPUT DATA RATE (READINGS/SEC)
0
–10
–5
5
10
20
10
50
70
2484 F25
0
15
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
FO = EXT CLOCK
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
20
24
10
50
70
2484 F26
14
22
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
FO = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/NOISERMS)
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
22
10
50
70
2484 F27
14
20
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
REF– = GND
FO = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/INLMAX)
temperature. In certain circumstances, a reduction of the
differential reference voltage may be beneficial.
Input Bandwidth
The combined effect of the internal SINC4 digital filter and
of the analog and digital autocalibration circuits deter-
mines the LTC2484 input bandwidth. When the internal
oscillator is used with the notch set at 60Hz, the 3dB input
bandwidth is 3.63Hz. When the internal oscillator is used
with the notch set at 50Hz, the 3dB input bandwidth is
3.02Hz. If an external conversion clock generator of fre-
quency fEOSC is connected to the FO pin, the 3dB input
bandwidth is 11.8 • 10–6 • fEOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com