Electronic Components Datasheet Search
  English  ▼

X  

LTC2494 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2494
Description  16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2494 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2494 Datasheet HTML 28Page - Linear Technology LTC2494 Datasheet HTML 29Page - Linear Technology LTC2494 Datasheet HTML 30Page - Linear Technology LTC2494 Datasheet HTML 31Page - Linear Technology LTC2494 Datasheet HTML 32Page - Linear Technology LTC2494 Datasheet HTML 33Page - Linear Technology LTC2494 Datasheet HTML 34Page - Linear Technology LTC2494 Datasheet HTML 35Page - Linear Technology LTC2494 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC2494
32
2494fb
APPLICATIONS INFORMATION
The user can expect to achieve this level of performance
using the internal oscillator, as shown in Figures 23, 24,
and 25. Measured values of normal mode rejection are
shown superimposed over the theoretical values in all
three rejection modes.
Traditional high order delta-sigma modulators suffer
from potential instabilities at large input signal levels.
The proprietary architecture used for the LTC2494 third
order modulator resolves this problem and guarantees
stability with input signals 150% of full-scale. In many
industrial applications, it is not uncommon to have mi-
crovolt level signals superimposed over unwanted volt
level error sources with several volts of peak-to-peak
noise. Figures 26 and 27 show measurement results for
the rejection of a 7.5V peak-to-peak noise source (150%
of full scale) applied to the LTC2494. From these curves,
it is shown that the rejection performance is maintained
even in extremely noisy environments.
Using the 2x speed mode of the LTC2494 alters the rejec-
tion characteristics around DC and multiples of fS. The
device bypasses the offset calibration in order to increase
the output rate. The resulting rejection plots are shown
in Figures 28 and 29. 1x type frequency rejection can be
achieved using the 2x mode by performing a running
average of the conversion results (see Figure 30).
Output Data Rate
When using its internal oscillator, the LTC2494 produces up
to 15 samples per second (sps) with a notch frequency of
60Hz. The actual output data rate depends upon the length
of the sleep and data output cycles which are controlled
by the user and can be made insignificantly short. When
operating with an external conversion clock (FO connected
to an external oscillator), the LTC2494 output data rate
can be increased. The duration of the conversion cycle is
41036/fEOSC. If fEOSC = 307.2kHz, the converter behaves
as if the internal oscillator is used.
An increase in fEOSCoverthenominal307.2kHzwilltranslate
into a proportional increase in the maximum output data
rate (up to a maximum of 100sps). The increase in output
rate leads to degradation in offset, full-scale error, and ef-
fective resolution as well as a shift in frequency rejection.
When using the integrated temperature sensor, the internal
Figure 23. Input Normal Mode Rejection vs Input Frequency with
Input Perturbation of 100% (60Hz Notch)
Figure 24. Input Normal Mode Rejection vs Input Frequency with
Input Perturbation of 100% (50Hz Notch)
Figure 25. Input Normal Mode Rejection vs Input Frequency with
Input Perturbation of 100% (50Hz/60Hz Notch)
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2494 F23
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
INPUT FREQUENCY (Hz)
0
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200
2494 F24
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
INPUT FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
200
220
2494 F25
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
oscillator should be used (FO = 0) or an external oscillator
applied to FO, fEOSC, should be set to 307.2kHz Max.
A change in fEOSC results in a proportional change in the
internal notch position. This leads to reduced differential
mode rejection of line frequencies. The common mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com