Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ARA2017 Datasheet HTML 1Page - ANADIGICS, Inc ARA2017 Datasheet HTML 2Page - ANADIGICS, Inc ARA2017 Datasheet HTML 3Page - ANADIGICS, Inc ARA2017 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
07/2008
ARA2017
Programmable Gain Amplifier
PRELIMINARY DATA SHEET - Rev 1.0
fEATuRES
• High Linearity, High Output Power Integrated
Amplifier with Programmable Gain Control
• Attenuation Range: 0-58 dB, Adjustable in
2 dB Increments via a 3-wire Serial Control
• 33 dB Gain (at Minimum Attenuation)
• Low Distortion Products at Output Power Levels
up to +64 dBmV
• Low Noise Figure and Output Noise
• Frequency range: 5-85 MHz
• 5 V Operation
• Materials set consistent with RoHS Directors.
Surface Mount Package
APPLIcATIoNS
• DOCSIS 3.0 Data Cable Modems and E-MTAs
• CATV Set Top Boxes
PRoDucT DEScRIPTIoN
The ARA2017 is a highly linear, high output power,
programmable gain amplifier optimized for DOCSIS
3.0 cable modem and E-MTA applications. Using a
low noise input amplification stage and an ultra linear
output driver amplifier, the device generates extremely
low distortion products at the high output power levels
required by DOCSIS 3.0 signals. Its balanced circuit
design provides superior harmonic performance
and an integrated digitally-controlled, multiple-stage
precision step attenuator enables system solutions to
meet DOCSIS power step accuracy requirements.
S29 Package
28-Pin QfN
5 mm x 5 mm x 1 mm
figure 1: functional Block Diagram
The ARA2017 supports output power levels of +64
dBmV while minimizing harmonic, distortion, and
output noise levels. Its precision attenuator provides
up to 58 dB of attenuation in 2 dB increments. The
attenuator setting is programmed via a 3-wire serial
interface, as is the output stage current, a feature
which allows the device to be operated in reduced
power modes for extended backup battery life in
E-MTA applications. The ARA2017 is offered in a 28-
pin 5 mm x 5 mm x 1 mm QFN package.


Similar Part No. - ARA2017

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017RS29P8 ANADIGICS-ARA2017RS29P8 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Skyworks Solutions Inc.
ARA2017RS29P8 SKYWORKS-ARA2017RS29P8 Datasheet
1Mb / 15P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
More results

Similar Description - ARA2017

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Analog Devices
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
Programmable Gain Instrumentation Amplifier
REV. D
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com