Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ARA2017 Datasheet HTML 1Page - ANADIGICS, Inc ARA2017 Datasheet HTML 2Page - ANADIGICS, Inc ARA2017 Datasheet HTML 3Page - ANADIGICS, Inc ARA2017 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
07/2008
ARA2017
Table 1: Pin Description
figure 2: Pinout (X-Ray Top View)
PIN
NAME
DEScRIPTIoN
PIN
NAME
DEScRIPTIoN
1
A1IN+
Amplifier A1 (+) Input
28
A1OUT+
Amplifier A1 (+) Output and
Supply
2
GND
Ground
27
ATTNIN+ Attentuator Input (+)
3
A1IN-
Amplifier A1 (-) Input
26
GND
Ground
4
GND
Ground
25
VATTN
Attenuator Supply
5
A1OUT-
Amplifier A1 (-) Output and Supply
24
GND
Ground
6
ATTNIN-
Attentuator Input (-)
23
ATTNOUT+ Attentuator Output (+)
7
N/C
No Connection
22
A2IN+
Amplifier A2 (+) Input
8
GND
Ground
21
A2OUT+
Amplifier A2 (+) Output and
Supply
9
CLOCK Clock
20
GND
Ground
10
DATA
Data
19
A2OUT-
Amplifier A2 (-) Output and Supply
11
ENBL
Enable
18
GND
Ground
12
N/C
No Connection (Reserved for
future use - leave floating)
17
A2IN-
Amplifier A2 (-) Input
13
TX_EN
Transmit Enable
16
ATTNOUT- Attentuator Output (-)
14
VDD
Supply
15
N/C
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com