Electronic Components Datasheet Search
  English  ▼

X  

LTC2845CG Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2845CG
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845CG Datasheet(HTML) 1 Page - Linear Technology

  LTC2845CG Datasheet HTML 1Page - Linear Technology LTC2845CG Datasheet HTML 2Page - Linear Technology LTC2845CG Datasheet HTML 3Page - Linear Technology LTC2845CG Datasheet HTML 4Page - Linear Technology LTC2845CG Datasheet HTML 5Page - Linear Technology LTC2845CG Datasheet HTML 6Page - Linear Technology LTC2845CG Datasheet HTML 7Page - Linear Technology LTC2845CG Datasheet HTML 8Page - Linear Technology LTC2845CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC2845
sn2845 2845fs
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
3.3V Software-Selectable
Multiprotocol Transceiver
DTE or DCE Multiprotocol Serial Interface with DB-25 Connector
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Data Networking
s
CSU and DSU
s
Data Routers
s
Software-Selectable Transceiver Supports:
RS232, RS449, EIA530, EIA530-A, V.35, V.36, X.21
s
Operates from Single 3.3V Supply with LTC2846 or
a Single 5V Supply with 3.3V Logic with LTC2847
s
TUV Rheinland of North America Inc. Certified NET1,
NET2 and TBR2 Compliant,
Report No.: TBR2/050101/02
s
Complete DTE or DCE Port with LTC2846 or LTC2847
s
Available in a 36-Lead Narrow (0.209") SSOP and
38-Lead (7mm x 5mm) QFN package
The LTC
®2845 is a 5-driver/5-receiver multiprotocol trans-
ceiver. The LTC2845 and LTC2846 form the core of a
complete software-selectable DTE or DCE interface port that
supports the RS232, RS449, EIA530, EIA530-A, V.35, V.36
or X.21 protocols.
The LTC2845 operates from a 3.3V supply and supplies
provided by the LTC2846. This part is available in a 36-lead
SSOPand38-lead(7mmx5mm)QFNpackage.TheLTC2845
andLTC2847inQFNpackagesofferthesmallestmultiprotocol
serial port available.
D2
D1
LTC2845
RTS
DTR
DSR
DCD
CTS
D3
R2
R1
R3
LL
RI
TM
RL
TXD
SCTE
TXC
RXC
RXD
2
14
24
11
15
12
17
9
3
1
4
19
20
623
22
5
13
8
10
18
*
21
25
7
16
D4
D5
R4
R5
LTC2846
D1
D2
D3
R1
R2
R3
T
T
T
T
T
*OPTIONAL
2845 TA01
DB-25 CONNECTOR


Similar Part No. - LTC2845CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC2845CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
Software-Selectable Multiprotocol Transceiver
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
3.3V Software-Selectable Multiprotocol Transceiver
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com