Electronic Components Datasheet Search
  English  ▼

X  

LTC2845CG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2845CG
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2845CG Datasheet HTML 9Page - Linear Technology LTC2845CG Datasheet HTML 10Page - Linear Technology LTC2845CG Datasheet HTML 11Page - Linear Technology LTC2845CG Datasheet HTML 12Page - Linear Technology LTC2845CG Datasheet HTML 13Page - Linear Technology LTC2845CG Datasheet HTML 14Page - Linear Technology LTC2845CG Datasheet HTML 15Page - Linear Technology LTC2845CG Datasheet HTML 16Page - Linear Technology LTC2845CG Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC2845
sn2845 2845fs
APPLICATIONS INFORMATION
Figure 16. Typical V.28 Interface
AA
'
CC
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
2845 F16
Figure 17. V.28 Receiver Configuration
R5
20k
LTC2845
RECEIVER
2845 F17
R8
6k
S3
R6
10k
R7
10k
R4
20k
A
'
B
'
C
'
GND
V.28 (RS232) Interface
A typical V.28 unbalanced interface is shown in Figure 16.
A V.28 single-ended generator output A with ground C is
connected to a single-ended receiver with input A
' con-
nected to A, ground C
' connected via the signal return
ground C.
In V.28 mode, all switches are off except S3 inside the
LTC2846/LTC2845 which connects a 6k (R8) impedance
to ground in parallel with 20k (R5) plus 10k (R6) for a
combined impedance of 5k as shown in Figure 17. The
noninverting input is disconnected inside the LTC2846/
LTC2845 receiver and connected to a TTL level reference
voltage for a 1.4V receiver trip point.
V.35 Interface
A typical V.35 balanced interface is shown in Figure 18. A
V.35 differential generator with outputs A and B with
Figure 19. V.35 Receiver Configuration
Figure 18. Typical V.35 Interface
A
A
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
2845 F18
50
Ω
125
Ω
50
Ω
50
Ω
125
Ω
50
Ω
R3
124
Ω
R5
20k
LTC2846
RECEIVER
2845 F19
A
'
B
'
C
'
R1
51.5
Ω
R8
6k
S2
S3
R2
51.5
Ω
R6
10k
R7
10k
GND
R4
20k
S1
ground C is connected to a differential receiver with
ground C
', inputs A' connected to A, B' connected to B. The
V.35 interface requires a T or delta network termination at
the receiver end and the generator end. The receiver
differential impedance measured at the connector must be
100
Ω ±10Ω, and the impedance between shorted termi-
nals (A
' and B') and ground C' must be 150
Ω ±15Ω.
In V.35 mode, both switches S1 and S2 inside the LTC2846
are on, connecting the T network impedance as shown in
Figure 19. The 30k input impedance of the receiver is
placed in parallel with the T network termination, but does
not affect the overall input impedance significantly.
The generator differential impedance must be 50
Ω to
150
Ω and the impedance between shorted terminals (A
and B) and ground C must be 150
Ω ±15Ω. For the
generator termination, switches S1 and S2 are both on as
shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com