Electronic Components Datasheet Search
  English  ▼

X  

LTC2908 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2908 Datasheet HTML 8Page - Linear Technology LTC2908 Datasheet HTML 9Page - Linear Technology LTC2908 Datasheet HTML 10Page - Linear Technology LTC2908 Datasheet HTML 11Page - Linear Technology LTC2908 Datasheet HTML 12Page - Linear Technology LTC2908 Datasheet HTML 13Page - Linear Technology LTC2908 Datasheet HTML 14Page - Linear Technology LTC2908 Datasheet HTML 15Page - Linear Technology LTC2908 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2908
14
2908fc
TYPICAL APPLICATIONS
RST
C1
0.1μF
C2
0.1μF
V1
V2
V3 V4
GND
LTC2908-B1
VADJ1
3.3V
2.5V
1.8V
1.2V
2908 TA03
DC/DC
DC/DC
DC/DC
SYSTEM
R3
124k
VADJ2
R4
100k
Quad Supply Monitor with One Adjustable Input, 5% Tolerance, 3.3V, 2.5V, 1.8V, 1.2V
RST
C1
0.1μF
V1
V2
V3
V4
GND
LTC2908-B1
VADJ1
3.3V
2.5V
2908 TA05
C2
0.1μF
DC/DC
SYSTEM
VADJ2
RST
R7
124k
V1
GND
LTC2908-C1
VADJ1
VADJ2
VADJ3
VADJ4
12V
2.5V
1.8V
1.5V
1.2V
1.0V
2908 TA06
R8
100k
DC/DC
DC/DC
DC/DC
DC/DC
DC/DC
SYSTEM
R5
182k
R6
100k
R3
237k
R4
100k
R1
2.15M
R2
100k
R9
86.6k
VADJ5
R10
100k
C1
0.1μF
Six Supply Monitor, 5% Tolerance 12V, 2.5V, 1.8V, 1.5V, 1.2V, 1.0V
Pin Programmable Dual Supply Monitor with Possible Future Expansion up to Six Supplies, 5% Tolerance, 3.3V and 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com