Electronic Components Datasheet Search
  English  ▼

X  

LTC2908 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 4 Page - Linear Technology

  LTC2908 Datasheet HTML 1Page - Linear Technology LTC2908 Datasheet HTML 2Page - Linear Technology LTC2908 Datasheet HTML 3Page - Linear Technology LTC2908 Datasheet HTML 4Page - Linear Technology LTC2908 Datasheet HTML 5Page - Linear Technology LTC2908 Datasheet HTML 6Page - Linear Technology LTC2908 Datasheet HTML 7Page - Linear Technology LTC2908 Datasheet HTML 8Page - Linear Technology LTC2908 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2908
4
2908fc
TYPICAL PERFORMANCE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tRST
Reset Time-Out Period
l
160
200
260
ms
tUV
VX Undervoltage Detect to RST
VX Less Than Reset Threshold VRTX by
More Than 1%
250
μs
VOH
Output Voltage High RST (Note 5)
IRST = –1μA, VCC = 5V (LTC2908-A1)
IRST = –1μA, VCC = 3.3V (LTC2908-B1)
IRST = –1μA, VCC = 2.5V (LTC2908-C1)
l
l
l
VCC – 1.5
VCC – 1.0
VCC – 1.0
V
V
V
VOL
Output Voltage Low RST
VCC = 0.5V, IRST = 5μA
VCC = 1.0V, IRST = 100μA
VCC = 3.0V, IRST = 2500μA
l
l
l
0.01
0.01
0.10
0.15
0.15
0.30
V
V
V
ELECTRICAL CHARACTERISTICS
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V
for the LT2908-A1, VCC = 3.3V for the LTC2908-B1 or VCC = 2.5V for the LTC2908-C1, unless otherwise noted. (Notes 2, 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliabilty and lifetime.
Note 2: The greater of V1, V2 is the internal supply voltage (VCC) for the
LTC2908-A1 and the LTC2908-B1. V1 is the internal supply voltage (VCC)
for the LTC2908-C1.
Note 3: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 4: Under typical operating conditions, most of the quiescent cur-
rent is drawn from the V1 input. When V2 exceeds V1, V2 supplies most
of the quiescent current.
Note 5: The output pin RST has an internal pull-up to VCC of typically
6μA. However, an external pull-up resistor may be used when a faster
rise time is required or for VOH voltages greater than VCC.
TEMPERATURE (°C)
–50
4.750
4.725
4.700
4.675
4.650
4.625
4.600
25
75
2908 G01
–25
0
50
100
TEMPERATURE (°C)
–50
3.135
3.115
3.095
3.075
3.055
3.035
25
75
2908 G02
–25
0
50
100
TEMPERATURE (°C)
–50
2.375
2.360
2.345
2.330
2.315
2.300
25
75
2908 G03
–25
0
50
100
Specifications are at TA = 25°C unless otherwise noted.
5V Threshold Voltage
vs Temperature
3.3V Threshold Voltage
vs Temperature
2.5V Threshold Voltage
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com