Electronic Components Datasheet Search
  English  ▼

X  

AWT6321 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6321
Description  HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6321 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6321 Datasheet HTML 1Page - ANADIGICS, Inc AWT6321 Datasheet HTML 2Page - ANADIGICS, Inc AWT6321 Datasheet HTML 3Page - ANADIGICS, Inc AWT6321 Datasheet HTML 4Page - ANADIGICS, Inc AWT6321 Datasheet HTML 5Page - ANADIGICS, Inc AWT6321 Datasheet HTML 6Page - ANADIGICS, Inc AWT6321 Datasheet HTML 7Page - ANADIGICS, Inc AWT6321 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet - Rev 2.2
10/2008
AWT6321
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at VCC = +3.2 V, POUT is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VBATT, VCC, VCCA)
0
+5
V
Mode Control Voltage (VMODE)
0
+3.5
V
Enable Voltage (VEN_CELL, VEN_PCS)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
824
1850
-
849
1915
MHz
Cellular
PCS
Supply Voltage (VCC and VBATT)
+3.2
+3.4
+4.2
V
Enable Voltage (VEN)
+2.2
0
+2.4
-
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage (VMODE)
+2.2
0
+2.4
-
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
Cellular RF Output Power (POUT)
CDMA
+27.5 (1) +28.0
-
dBm
PCS RF Output Power (POUT)
CDMA
+27.5 (1) +28.0
-
dBm
Case Temperature (TC)
-30
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com