Electronic Components Datasheet Search
  English  ▼

X  

LTC2921 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 6Page - Linear Technology LTC2921 Datasheet HTML 7Page - Linear Technology LTC2921 Datasheet HTML 8Page - Linear Technology LTC2921 Datasheet HTML 9Page - Linear Technology LTC2921 Datasheet HTML 10Page - Linear Technology LTC2921 Datasheet HTML 11Page - Linear Technology LTC2921 Datasheet HTML 12Page - Linear Technology LTC2921 Datasheet HTML 13Page - Linear Technology LTC2921 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2921/LTC2922 Series
10
29212fa
The timing of a circuit breaker trip and reset, and a
subsequent regular turn-on are shown in Figure 4. Prior to
time 1, a successful turn-on sequence had completed. At
time 1, excessive current pulls SENSE more than 50mV
below VCC. The GATE pin, PG pin, and the remote sense
switches fall at rates determined by the pull-down currents
and loading conditions of each (times 2, 3, 4). Note that the
excessive current condition ceases at time 4. A circuit
breaker reset pulse is initiated at time 5. The latch resets
at time 6 since the V1 pulse is wide enough. A normal turn-
on begins when V1 rises above the monitor threshold
(time 7 onward).
Multiple supply systems have become common to accom-
modate circuits on the same board with different voltage
requirements. Desktop PC motherboards, instrumenta-
tion circuits and plug-in boards of all kinds often require
tracking and control of several supply voltages.
The LTC2921 and LTC2922 ramp and monitor up to five
supply voltages in such systems. External resistive volt-
age dividers independently program four monitor levels,
while an internal divider sets the VCC pin supply monitor
level. Time delays in the monitoring sequence are set by an
external capacitor at the TIMER pin.
The GATE pin provides a high side drive voltage appropri-
ate to logic-level and sublogic-level N-channel power
TI I G DIAGRA S
V1
V2
V3
V4
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
VCC
VCC
VCC-50mV
VCC
VCC-50mV
1.2V
1.2V
12 3 4
6 7
5
VCC
SENSE
TIMER
GATE
PG
REMOTE
SENSE
SWITCH
GATE
INTERNAL
CIRCUIT
BREAKER
LATCH
UNDERVOLTAGE
LOCKOUT LEVEL
APPLICATIO S I FOR ATIO
Figure 4. Circuit Breaker Trip, Reset and Start-Up Sequence Timing
MOSFETs. The external RC network on GATE programs
the supply ramp rate and eliminates possible high fre-
quency oscillations in the power path. Featured in the
LTC2921/LTC2922 series are sub-10
Ω internal remote
sense switches to compensate for voltage drops between
the supplies and the loads.
At the end of a successful power-on sequence, the LTC2921/
LTC2922 asserts the PG output. A typical application uses
an external pull-up resistor between PG and the load side
of a supply. In applications where supply power-on se-
quencing is required, the PG pin can function as a second,
separate high side driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com