Electronic Components Datasheet Search
  English  ▼

X  

LTC2921 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2921 Datasheet HTML 11Page - Linear Technology LTC2921 Datasheet HTML 12Page - Linear Technology LTC2921 Datasheet HTML 13Page - Linear Technology LTC2921 Datasheet HTML 14Page - Linear Technology LTC2921 Datasheet HTML 15Page - Linear Technology LTC2921 Datasheet HTML 16Page - Linear Technology LTC2921 Datasheet HTML 17Page - Linear Technology LTC2921 Datasheet HTML 18Page - Linear Technology LTC2921 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2921/LTC2922 Series
15
29212fa
APPLICATIO S I FOR ATIO
Before Q1 closes to connect the load, the actual supply
voltage relative to VS1 is given by Equation 12.
∆=
=
++


VV
V
V
R
RRR
SRC
SRC
S
S
X
XY
Z
11
1
1
1
11
1
–•
(12)
After both Q1 and the internal remote sense switch have
closed, the load voltage relative to VS1 is given by Equation
13.
∆=
=


VV
V
I
R
R
R
LL
S
L
Q ON
FB ON
X
11
1
1
1
1
1
––
•
•
()
()
(13)
A small part of the load current will flow through the
remote sense switch. Use Equation 14 to calculate the
current, and do not exceed the switch current Absolute
Maximum Rating when choosing the value of RX1.
II
R
R
DS
L
QON
X
11
1
1
=


•
()
(14)
In addition, once the remote sensing is active, the supply
voltage VSRC1 will rise by approximately the drop across
the external FET. The effect on the monitor resistive divider
design has already been accounted for in the previous
section, Setting the Supply Monitor Levels.
VV
I
R
R
R
VV
SRC
S
L
Q ON
FB ON
X
SQ ON
11
1
1
1
1
11
1
=+


≈+
••
–
()
()
()
(15)
The terminals of each switch are interchangeable; choose
the connections to optimize the board layout. Ground all
unused switch pins.
Design Example
Consider the design of a three-supply monitoring system,
as shown in Figure 12, with specifications as listed in
Table 1.
Table 1. Design Example Electrical Specifications
Supply Specifications
5V
± 7.5%
VSRC0(MAX) = 5.375V
IL0 = 0.8A (max)
VSRC0(MIN) = 4.625V
3.3V
± 7.5%
VSRC1(MAX) = 3.5475V
IL1 = 1.6A (max)
VSRC1(MIN) = 3.0525V
2.5V
± 7.5%
VSRC2(MAX) = 2.6875V
IL2 = 0.4A (max)
VSRC2(MIN) = 2.3125V
External N-channel FET Drain-Source Voltage Specification
5V Supply
VQ0(ON)(MAX) < 250mV
3.3V Supply
VQ1(ON)(MAX) < 250mV
2.5V Supply
VQ2(ON)(MAX) < 150mV
Timing Specification
TIMER Delay
tDLY = 150ms (nom)
GATE Ramp Time
tRAMP = 500ms (nom)
Bias Current Specification
Monitor Resistive
IA1= 10µA (nom)
Divider Current
IA2 = 10µA (nom)
Other Requirements
• Remote Sense all 3 Load Voltages
• Tight Monitoring Levels
• Use Circuit Breaker Function
• DC/DC Converter Feedback Resistive Divider >100k
Ω
The LTC2921 suits this application because the largest
supply in the system is 5V, and only three remote sense
switches are required.
Start with the design of the resistive dividers that set the
monitor levels. As the largest supply voltage, the 5V
supply must be connected to the VCC pin; an internal
resistive divider sets that monitor level. Consult the
Electrical Characteristics table to confirm that VSRC0(MIN)
>VCC(MON)(MAX) and VSRC0(MAX) <VCC(OV)(MIN).
The bias current in the lower resistor for the 3.3V supply’s
dividers yields a standard 1% value of RA1 = 49.9k:
R
V
A
kk
A1
0 500
10
50
49 9
=
µ
=≈
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com