Electronic Components Datasheet Search
  English  ▼

X  

LTC2925 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2925
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2925 Datasheet HTML 9Page - Linear Technology LTC2925 Datasheet HTML 10Page - Linear Technology LTC2925 Datasheet HTML 11Page - Linear Technology LTC2925 Datasheet HTML 12Page - Linear Technology LTC2925 Datasheet HTML 13Page - Linear Technology LTC2925 Datasheet HTML 14Page - Linear Technology LTC2925 Datasheet HTML 15Page - Linear Technology LTC2925 Datasheet HTML 16Page - Linear Technology LTC2925 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2925
13
2925f
APPLICATIO S I FOR ATIO
Coincident Tracking Example
A typical four supply application is shown in Figure 12. The
master signal is a 3.3V module. The slave 1 supply is a
1.8V switching power supply, the slave 2 supply is a 2.5V
switching power supply, and the slave 3 supply is a 1.5V
supply. All three slave supplies track coincidently with the
3.3V supply that is controlled with an external FET. The
ramp rate of the supplies is 100V/s. The 3-step design
procedure detailed previously can be used to determine
component values. Only the slave 1 supply is considered
here as the procedure is the same for the other supplies.
1.
Set the ramp rate of the master signal.
From Equation 1:
C
A
Vs
F
GATE ==
µ
10
100
01
µ
.
2.
Solve for the pair of resistors that provide the desired
slave supply behavior, assuming no delay.
From Equation 2:
Rk
Vs
Vs
k
TB ==
16 5
100
100
16 5
.•
.
From Equation 3:
R
V
V
k
V
k
V
k
k
TA ′=
+
≈
08
1 235
16 5
1 235
35 7
08
16 5
13
.
.
.
.
.
–
.
.
3.
Choose RTA to obtain the desired delay.
Since no delay is desired, RTA = RTA´
In this example, all supplies remain low while the ON pin
is held below 1.23V. When the ON pin rises above 1.23V,
10
µA pulls up CGATE and the gate of the FET at 100V/s. As
the gate of the FET rises, the source follows and pulls up
the output to 3.3V at 100V/s. This output serves as the
master signal and is buffered from the RAMP pin to the
RAMPBUF pin. As this output and the RAMPBUF pin rise,
the current from the TRACKx pins is reduced. Conse-
quently, the voltages at the slave supplies’ outputs in-
crease, and the slave supplies track the master supply.
When the ON pin is again pulled below 1.23V, 10
µA will
pull down CGATE and the gate of the FET at 100V/s. If the
loads on the outputs are sufficient, all outputs will track
down coincidently at 100V/s.
MASTER
SLAVE2
SLAVE1
SLAVE3
0.015
Ω
Q1
Si4412ADY
0.1
µF
CPGTMR
0.82
µF
10k
VCC SENSEP SENSEN
3.3V
VIN
3.3V
RONB
154k
3.3V VIN
RTB1
16.5k
RTB2
88.7k
RFA2
41.2k
2.5V
SLAVE2
MASTER
RFB2
88.7k
RTA2
41.2k
RTB3
86.6k
RTA3
100k
RTA1
13k
RONA
100k
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
CSDTMR
0.082
µF
SDTMR
CSCTMR
0.47
µF
SCTMR
GND
2925 F12
RAMP
RFA3
100k
1.5V
SLAVE3
RFB3
86.6k
DC/DC
IN
FB = 0.8V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB3
3.3V
PGI
RFA1
35.7k
1.8V
SLAVE1
RFB1
16.5k
SUPPLY
MONITOR
DC/DC
IN
FB = 1.235V
RUN/SS
OUT
FB1
FAULT
ON
10k
VIN
STATUS
REMOTE
RST
SD3
SD2
SD1
CGATE
0.1
µF
10
Ω
Figure 12. Coincident Tracking Example
10ms/DIV
2925 F11b
10ms/DIV
2925 F11a
1V/DIV
1V/DIV
Figure 11. Coincident Tracking from Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com