Electronic Components Datasheet Search
  English  ▼

X  

LTC2925 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2925
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925 Datasheet(HTML) 3 Page - Linear Technology

  LTC2925 Datasheet HTML 1Page - Linear Technology LTC2925 Datasheet HTML 2Page - Linear Technology LTC2925 Datasheet HTML 3Page - Linear Technology LTC2925 Datasheet HTML 4Page - Linear Technology LTC2925 Datasheet HTML 5Page - Linear Technology LTC2925 Datasheet HTML 6Page - Linear Technology LTC2925 Datasheet HTML 7Page - Linear Technology LTC2925 Datasheet HTML 8Page - Linear Technology LTC2925 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2925
3
2925f
∆VCC(UVL, HYST) Input Supply Undervoltage Lockout Hysteresis
25
mV
∆VGATE
External N-Channel Gate Drive (VGATE – VCC)IGATE = –1µA
q
5
5.5
6
V
IGATE
GATE pin current
Gate On, VGATE = 0V, No Faults
q
–7
–10
–13
µA
Gate Off, VGATE = 5V, No Faults
q
710
13
µA
Gate Off, VGATE = 5V,
q
520
50
mA
Short-Circuit or Power Good Timeout
VON(TH)
ON Pin Threshold Voltage
VON rising
q
1.214
1.232
1.250
V
∆VON(HYST)
ON Pin Hysteresis
q
30
75
150
mV
VON(FC)
ON Pin Fault Clear Threshold Voltage
q
0.3
0.4
0.5
V
ION(IN)
ON Pin Input Current
VON = 1.2V, VCC = 5.5V
q
0
±100
nA
∆VRS-SENSE(TH) Sense Resistor Over-Current Voltage Threshold 1V < VSENSEP < VCC
q
40
50
60
mV
(VSENSEP – VSENSEN)
0V < VSENSEP < 1V
q
30
50
70
mV
ISENSEN
SENSEN Pin Input Current
0V < VSENSEN < VCC
q
–1
5
10
µA
ISENSEP
SENSEP Pin Input Current
0V < VSENSEP < VCC
q
–1
5
10
µA
VOS
Ramp Buffer Offset (VRAMPBUF – VRAMP)VRAMPBUF = VCC/2, IRAMPBUF = 0A
q
–30
0
30
mV
VFAULT(OL)
FAULT Output Low Voltage
IFAULT = 3mA
q
0.2
0.4
V
VSDx(OL)
SDx Output Low Voltage
ISDx = 1mA, VCC = 2.3
q
0.2
0.4
V
VSTATUS(OL)
STATUS Output Low Voltage
ISTATUS = 3mA
q
0.2
0.4
V
IRAMP
RAMP Pin Input Current
0V < RAMP < VCC, VCC = 5.5V
q
0
±1
µA
VRAMPBUF(OL)
RAMPBUF Low Voltage
IRAMPBUF = 3mA
q
90
150
mV
VRAMPBUF(OH)
RAMPBUF High Voltage (VCC – VRAMPBUF )IRAMPBUF = –3mA
q
100
200
mV
IERROR(%)
IFBx to ITRACKx Current Mismatch
ITRACKx = –10µA
q
0
±5%
IERROR(%) = (IFBx – ITRACKx)/ITRACKx
ITRACKx = –1mA
q
0
±5%
VTRACKx
TRACK pin voltage
ITRACKx = –10µA
q
0.78
0.8
0.82
V
ITRACKx = –1mA
q
0.78
0.8
0.82
V
IFB(LEAK)
IFB Leakage Current
VFB = 1.5V, VCC = 5.5V
q
±10
nA
VFB(CLAMP)
VFB Clamp Voltage
1
µA < IFB < 1mA
q
1.6
2.1
2.5
V
RREMOTE
REMOTE Feedback Switch Resistance
2V < VREMOTE < VCC
q
15
30
Ω
ISCTMR(UP)
Short-Circuit Timer Pullup Current
VSCTMR = 1V
q
–35
–50
–65
µA
ISCTMR(DN)
Short-Circuit Timer Pulldown Current
VSCTMR = 1V
q
123
µA
VSCTMR(TH)
Short-Circuit Timer Threshold Voltage
q
1.1
1.23
1.4
V
ISDTMR(UP)
Shutdown Timer Pullup Current
VSDTMR = 1V
q
–7
–10
–13
µA
VSDTMR(TH)
Shutdown Timer Threshold Voltage
q
1.1
1.23
1.4
V
IPGI(UP)
Power Good Input Pullup Current
VPGI = 0V
q
–5
–10
–15
µA
VPGI(TH)
Power Good Input Threshold Voltage
q
0.8
1.4
V
IPGTMR(UP)
Power Good Timer Pullup Current
VPGTMR = 1V
q
–8
–10
–14
µA
VPGTMR(TH)
Power Good Timer Threshold Voltage
q
1.1
1.23
1.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into the device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
Note 3: The GATE pin is internally limited to a minimum of 11.5V. Driving
this pin to voltages beyond the clamp may damage the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com