Electronic Components Datasheet Search
  English  ▼

X  

LTC2926 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2926
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2926 Datasheet HTML 9Page - Linear Technology LTC2926 Datasheet HTML 10Page - Linear Technology LTC2926 Datasheet HTML 11Page - Linear Technology LTC2926 Datasheet HTML 12Page - Linear Technology LTC2926 Datasheet HTML 13Page - Linear Technology LTC2926 Datasheet HTML 14Page - Linear Technology LTC2926 Datasheet HTML 15Page - Linear Technology LTC2926 Datasheet HTML 16Page - Linear Technology LTC2926 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2926
13
2926fa
Figure 7. Typical Application with Master Supply
RTB1
RTA1
2926 F07
LTC2926
S1
FB1
OUT
IN
SENSE
RAMPBUF
TRACK1
TRACK2
GND
PGTMR
VIN
RTB2
RTA2
FAULT
10k
0.1
µF
CPGTMR
CMGATE
MGATE
10
Ω
RSGATE
RAMP
RX0
VIN
STATUS
STATUS/PGI
ON
ON/OFF
10k
3.3V MODULE
VIN
Q0
Q3
SGATE2
10
Ω
Q2
SGATE1
10
Ω
MASTER
D1
RFB1
RFA1
S2
FB2
D2
RFB2
RFA2
FAULT
VCC
VIN
OUT
IN
SENSE
RX1
1.8V MODULE
VIN
Q1
1.8V
SLAVE1
OUT
IN
SENSE
RX2
2.5V MODULE
VIN
2.5V
SLAVE2
Figure 8. Typical Application Without Master Supply
Ramp Buffer
The RAMPBUF pin provides a buffered version of the RAMP
pin voltage that drives the resistive dividers on the TRACK
pins. When there is no external MOSFET, it sources or sinks
up to 3mA to drive the track resistors even though the
MGATE pin only supplies 10µA (Figure 8). The RAMPBUF
pin also proves useful in systems with an external MOSFET.
If RTBn were directly connected to the MOSFET’s source
(the master output), the servo mechanism of the tracking
cell could potentially drive the master output towards 0.8V
when the MOSFET is off. The ramp buffer prevents this
by eliminating that path for current.
Fault Input/Output
The FAULT pin allows external upstream monitoring circuits
to control and to communicate with the LTC2926. The pin
is driven internally by an N-channel MOSFET pull-down
to GND, and by an 8.5µA pull-up to VCC through a series
diode. Under normal conditions, the MOSFET is off and the
current pulls the FAULT pin voltage high. When an upstream
monitor signal pulls FAULT below 0.5V, the LTC2926’s
internal fault latch is set, which immediately opens the
remote sense switches and cuts off the master and slave
supplies by pulling MGATE, SGATE1 and SGATE2 to GND.
A fault also activates the internal MOSFET pull-down on the
STATUS/PGI pin, which indicates to external downstream
monitoring circuits that the supplies are no longer valid
(see Status Output). Until the fault latch is reset, the sup-
plies stay disconnected and an internal pull-down keeps
the FAULT pin low as a signal to upstream monitors.
Fault latch reset is initiated by bringing the ON pin voltage
below 0.5V, and completed when PGTMR is <0.1V. Reduc-
ing the VCC pin voltage below VCC(UVLO) – ΔVCC(UVLO),
typically 2.35V, also resets the fault latch. After it is
cleared, the fault latch is armed by bringing the ON pin
voltage above 0.6V. No faults can be latched until after
the latch is armed.
The FAULT pin is pulled up by 8.5µA to VCC through a
Schottky diode, which allows the pin to be pulled safely
above the LTC2926’s supply if required. Leave the FAULT
pin unconnected if it is unused.
APPLICATIO S I FOR ATIO
RTB1
RTA1
2926 F08
LTC2926
S1
FB1
RAMPBUF
TRACK1
TRACK2
GND
PGTMR
VIN
RTB2
RTA2
FAULT
10k
0.1
µF
CPGTMR
CMGATE
MGATE
RSGATE
RAMP
VIN
STATUS
STATUS/PGI
ON
ON/OFF
10k
SGATE2
10
Ω
Q2
NC
SGATE1
10
Ω
D1
RFB1
RFA1
S2
FB2
D2
RFB2
RFA2
FAULT
VCC
VIN
OUT
IN
SENSE
RX1
1.8V MODULE
VIN
Q1
1.8V
SLAVE1
OUT
IN
SENSE
RX2
2.5V MODULE
VIN
2.5V
SLAVE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com